Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6102 Datasheet(PDF) 39 Page - VIA Technologies, Inc.

Part # VT6102
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6102 Datasheet(HTML) 39 Page - VIA Technologies, Inc.

Back Button VT6102 Datasheet HTML 35Page - VIA Technologies, Inc. VT6102 Datasheet HTML 36Page - VIA Technologies, Inc. VT6102 Datasheet HTML 37Page - VIA Technologies, Inc. VT6102 Datasheet HTML 38Page - VIA Technologies, Inc. VT6102 Datasheet HTML 39Page - VIA Technologies, Inc. VT6102 Datasheet HTML 40Page - VIA Technologies, Inc. VT6102 Datasheet HTML 41Page - VIA Technologies, Inc. VT6102 Datasheet HTML 42Page - VIA Technologies, Inc. VT6102 Datasheet HTML 43Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-33-
Electrical Specifications
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Crystal Oscillator Characteristics
Symbol Parameter
Min
Typ
Max
Unit Comment
Output Frequency
24.9975
25
25.0025
MHz
Output Frequency Jitter - Short Term
50
ps
Output Frequency Jitter - Long Term
500
ps
PLL Frequency Multiplier Characteristics
Symbol Parameter
Min
Typ
Max
Unit Comment
PLL Loop Bandwidth
2.5
5
MHz
PLL Acquisition Time
50
us
25% Frequency Change
VCO Operating Frequency – 100Base Mode
250
MHz
VCO Operating Frequency – 10Base Mode
200
MHz
PLL Output Clock Jitter – Short Term
200
ps
PLL Output Clock Jitter – Long Term
1000
ps
FX Characteristics
Symbol Parameter
Min
Typ
Max
Unit Comment
VOH
PECL Output Voltage High
2.28
2.35
2.42
Volts
VOL
PECL Output Voltage Low
1.49
1.58
1.68
Volts
VIH
PECL Input Voltage High
2.135
2.42
Volts
VIL
PECL Input Voltage Low
1.49
1.825
Volts
FX Mode Enable Voltage (SD)
1.49
1.825
Volts
Input Common Mode Range
1.3
2.8
Volts
Input Differential Amplitude
0.15
Volts
Output Jitter
1.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com