Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6102 Datasheet (PDF) - VIA Technologies, Inc.

VT6102 Datasheet PDF - VIA Technologies, Inc.
Part # VT6102
Download  VT6102 Download
File Size   326.66 Kbytes
Page   46 Pages
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.
Description Fast Ethernet 10 / 100 1-Port PHY / Transceiver

VT6102 Datasheet (PDF)

Go To PDF Page Download Datasheet
VT6102 Datasheet PDF - VIA Technologies, Inc.

Part # VT6102
Download  VT6102 Click to download

File Size   326.66 Kbytes
Page   46 Pages
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.
Description Fast Ethernet 10 / 100 1-Port PHY / Transceiver

VT6102 Datasheet (HTML) - VIA Technologies, Inc.


VT6102 Product details

PRODUCT FEATURES
• Single Chip 100Base-TX / 10Base-T Physical Layer Solution
• Dual Speed – 100 / 10 Mbps
• Half and Full Duplex
• MII Interface to Ethernet Controller
• MII Interface to Configuration & Status
• Optional Repeater Interface
• Auto Negotiation: 10 / 100, Full / Half Duplex
• Meet All Applicable IEEE 802.3, 10Base-T and 100Base-Tx Standards
• On Chip Wave Shaping – No External Filters Required
• Adaptive Equalizer
• Baseline Wander Correction
• LED Outputs
– Link Status
– Duplex status
– Speed Status
– Collision
• 48 Pin SSOP Package




Similar Part No. - VT6102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT6120 ETC1-VT6120 Datasheet
1Mb / 2P
Velocity Gigabit Ethernet Controllers
VT6121 ETC1-VT6121 Datasheet
1Mb / 2P
Velocity Gigabit Ethernet Controllers
VT6122 ETC1-VT6122 Datasheet
1Mb / 2P
Velocity Gigabit Ethernet Controllers
More results


Similar Description - VT6102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE100P STMICROELECTRONICS-STE100P Datasheet
193Kb / 29P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Jan-2000
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
10/100 FAST ETHERNET PHY TRANSCEIVER
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
10/100 Fast ethernet 3.3V transceiver
10-Feb-2006
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
10/100 Fast Ethernet PHY Transceiver
logo
Intel Corporation
LXT972M INTEL-LXT972M Datasheet
1Mb / 92P
Single-Port 10/100 Mbps PHY Transceiver
logo
List of Unclassifed Man...
IP101ALF ETC2-IP101ALF Datasheet
501Kb / 36P
Single port 10/100 Fast Ethernet Transceiver
logo
Intel Corporation
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
LXT9761 INTEL-LXT9761 Datasheet
1Mb / 78P
Fast Ethernet 10/100 Multi-Port Transceiver with RMII
logo
STMicroelectronics
STE100P STMICROELECTRONICS-STE100P_06 Datasheet
348Kb / 31P
10/100 FAST ETHERNET 3.3V TRANSCEIVER
Feb-2006
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com