Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6102 Datasheet(PDF) 13 Page - VIA Technologies, Inc.

Part # VT6102
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6102 Datasheet(HTML) 13 Page - VIA Technologies, Inc.

Back Button VT6102 Datasheet HTML 9Page - VIA Technologies, Inc. VT6102 Datasheet HTML 10Page - VIA Technologies, Inc. VT6102 Datasheet HTML 11Page - VIA Technologies, Inc. VT6102 Datasheet HTML 12Page - VIA Technologies, Inc. VT6102 Datasheet HTML 13Page - VIA Technologies, Inc. VT6102 Datasheet HTML 14Page - VIA Technologies, Inc. VT6102 Datasheet HTML 15Page - VIA Technologies, Inc. VT6102 Datasheet HTML 16Page - VIA Technologies, Inc. VT6102 Datasheet HTML 17Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-7-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
REGISTERS
Register Overview
The VT6103 internal register set consists of thirty-two 16-bit
MI (Management Interface) registers (of which 9 registers are
currently undefined / reserved).
The bits of PHY registers 0-8 are defined by the IEEE 802.3u
standard. The remaining PHY registers have vendor specific
bit definitions. All register bits implemented by the VT6103
are described in this data sheet (see register summary table
below, bit summary table on the next page, and detailed
register descriptions on following pages).
PHY registers are addressed by the MAC by sending register
address pointer information via the MI interface (serially over
the MDIO pin clocked by MDC) with register read / write
data transfer via the same pins. For more information on this
mechanism, refer to IEEE 802.3 section 22.2.4.
In the register descriptions that follow, the following
abbreviations are used:
RW = Read / Write
RO = Read Only
SC = Self Clearing
LH = Latch High
LL = Latch Low
“Self Clearing” bits are normally 0.
If set to 1 they will
perform the indicated function then automatically be cleared
back to 0 by the chip. “Latch High” and “Latch Low” bits are
used to record that an event (level) occurred. For Latch High
bits, if the bit ever goes high, it will latch at that high level
until read (the read will clear the bit). For “Latch Low” bits,
if the bit goes low, it will stay at a low level until read (the
read will set the bit high).
Table 3. Register Summary
Offset
Offset Management Interface Registers
Bits Default Acc Page
00
00h
Management Interface Control
16
3100h RW
9
01
00h
Management Interface Status
16
7849h RO
9
02
01h
PHY Identifier 0
16
0101h RO
9
03
02h
PHY Identifier 1
16
8F20h RO
9
04
03h
Auto-Negotiation Advertisement Base
16
05E1h RW
10
05
04h
Link Partner Advertisement Base
16
0000h RO
10
06
05h
Auto-Negotiation Expansion
16
0004h RO
10
07
06h
Auto-Negotiation Advertisement Next
16
2001h RW
10
08
07h
Link Partner Advertisement Next
16
0000h RO
10
9-15
09-0Fh -reserved-
—
—
—
16
10h
PHY Configuration 1
16
0800h RW
11
17
11h
PHY Configuration 2
16
F7FFh RW
11
18
12h
PHY Configuration 3
16
0800h RW
11
19
13h
PHY Configuration 4
16
FFFCh RW
12
20
14h
PHY Status
16
0000h RO
12
21
15h
Link Fail Counter
16
0000h RO
13
22
16h
Invalid Symbol / Jabber Error Counter
16
0000h
RO
13
23
17h
False Carrier / SQE Counter
16
0000h RO
13
24-25
18-19h -reserved-
—
—
—
26
1Ah
PHY Test Configuration 1
16
0012h RW
14
27
1Bh
PHY Test Configuration 2
16
C500h RW
14
28
1Ch
PHY Test Configuration 3
16
0208h RW
15
29
1Dh
PHY Test Configuration 4
16
0030h RW
15
30
1Eh
PHY Test Configuration 5
16
001Bh RW
15
31
1Fh
PHY Test Configuration 6
16
0000h RW
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com