Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8579 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8579
Description  LCD column driver for dot matrix graphic displays
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8579 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8579 Datasheet HTML 4Page - NXP Semiconductors PCF8579 Datasheet HTML 5Page - NXP Semiconductors PCF8579 Datasheet HTML 6Page - NXP Semiconductors PCF8579 Datasheet HTML 7Page - NXP Semiconductors PCF8579 Datasheet HTML 8Page - NXP Semiconductors PCF8579 Datasheet HTML 9Page - NXP Semiconductors PCF8579 Datasheet HTML 10Page - NXP Semiconductors PCF8579 Datasheet HTML 11Page - NXP Semiconductors PCF8579 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
1997 Apr 01
8
Philips Semiconductors
Product specification
LCD column driver for dot matrix graphic
displays
PCF8579
7
FUNCTIONAL DESCRIPTION
The PCF8579 column driver is designed for use with the
PCF8578. Together they form a general purpose LCD dot
matrix chip set.
Typically up to 16 PCF8579s may be used with one
PCF8578. Each of the PCF8579s is identified by a unique
4-bit hardware subaddress, set by pins A0 to A3.
The PCF8578 can operate with up to 32 PCF8579s when
using two I2C-bus slave addresses. The two slave
addresses are set by the logic level on input SA0.
7.1
Multiplexed LCD bias generation
The bias levels required to produce maximum contrast
depend on the multiplex rate and the LCD threshold
voltage (Vth). Vth is typically defined as the RMS voltage at
which the LCD exhibits 10% contrast. Table 1 shows the
optimum voltage bias levels for the PCF8578/PCF8579
chip set as functions of Vop (Vop =VDD − VLCD), together
with the discrimination ratios (D) for the different multiplex
rates. A practical value for Vop is obtained by equating
Voff(rms) with Vth. Figure 4 shows the first 4 rows of Table 1
as graphs.
Table 1 Optimum LCD bias voltages
PARAMETER
MULTIPLEX RATE
1:8
1:16
1:24
1:32
0.739
0.800
0.830
0.850
0.522
0.600
0.661
0.700
0.478
0.400
0.339
0.300
0.261
0.200
0.170
0.150
0.297
0.245
0.214
0.193
0.430
0.316
0.263
0.230
1.447
1.291
1.230
1.196
3.370
4.080
4.680
5.190
V
2
V
op
---------
V
3
V
op
---------
V
4
V
op
---------
V
5
V
op
---------
V
off rms
()
V
op
-----------------------
V
on rms
()
V
op
-----------------------
D
V
on rms
()
V
off rms
()
-----------------------
=
V
op
V
th
---------
7.2
Power-on reset
At power-on the PCF8579 resets to a defined starting
condition as follows:
1. Display blank (in conjunction with PCF8578)
2. 1 : 32 multiplex rate
3. Start bank, 0 selected
4. Data pointer is set to X, Y address 0, 0
5. Character mode
6. Subaddress counter is set to 0
7. I2C-bus is initialized.
Data transfers on the I2C-bus should be avoided for 1 ms
following power-on, to allow completion of the reset action.
Fig.4
Vbias/Vop as a function of the multiplex rate.
1:8
1:16
1:32
1.0
0
0.8
MSA838
1:24
0.6
0.4
0.2
multiplex rate
V bias
Vop
V5
V4
V3
V2
Vbias =V2, V3, V4, V5. See Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com