Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8579 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8579
Description  LCD column driver for dot matrix graphic displays
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8579 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8579 Datasheet HTML 1Page - NXP Semiconductors PCF8579 Datasheet HTML 2Page - NXP Semiconductors PCF8579 Datasheet HTML 3Page - NXP Semiconductors PCF8579 Datasheet HTML 4Page - NXP Semiconductors PCF8579 Datasheet HTML 5Page - NXP Semiconductors PCF8579 Datasheet HTML 6Page - NXP Semiconductors PCF8579 Datasheet HTML 7Page - NXP Semiconductors PCF8579 Datasheet HTML 8Page - NXP Semiconductors PCF8579 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
1997 Apr 01
3
Philips Semiconductors
Product specification
LCD column driver for dot matrix graphic
displays
PCF8579
1
FEATURES
• LCD column driver
• Used in conjunction with the PCF8578, this device forms
part of a chip set capable of driving up to 40960 dots
• 40 column outputs
• Selectable multiplex rates; 1 : 8, 1 : 16, 1 : 24 or 1 : 32
• Externally selectable bias configuration, 5 or 6 levels
• Easily cascadable for large applications (up to
32 devices)
• 1280-bit RAM for display data storage
• Display memory bank switching
• Auto-incremented data loading across hardware
subaddress boundaries (with PCF8578)
• Power-on reset blanks display
• Logic voltage supply range 2.5 to 6 V
• Maximum LCD supply voltage 9 V
• Low power consumption
• I2C-bus interface
• TTL/CMOS compatible
• Compatible with most microcontrollers
• Optimized pinning for single plane wiring in multiple
device applications (with PCF8578)
• Space saving 56-lead plastic mini-pack and 64-pin
plastic low profile quad flat package
• Compatible with chip-on-glass technology
• I2C-bus address: 011110 SA0.
2
APPLICATIONS
• Automotive information systems
• Telecommunication systems
• Point-of-sale terminals
• Computer terminals
• Instrumentation.
3
GENERAL DESCRIPTION
The PCF8579 is a low power CMOS LCD column driver,
designed to drive dot matrix graphic displays at multiplex
rates of 1 : 8, 1 : 16, 1 : 24 or 1 : 32. The device has
40 outputs and can drive 32
× 40 dots in a 32 row
multiplexed LCD. Up to 16 PCF8579s can be cascaded
and up to 32 devices may be used on the same I2C-bus
(using the two slave addresses). The device is optimized
for use with the PCF8578 LCD row/column driver.
Together these two devices form a general purpose LCD
dot matrix driver chip set, capable of driving displays of up
to 40960 dots. The PCF8579 is compatible with most
microcontrollers and communicates via a two-line
bidirectional bus (I2C-bus). To allow partial VDD shutdown
the ESD protection system of the SCL and SDA pins does
not use a diode connected to VDD. Communication
overheads are minimized by a display RAM with
auto-incremented addressing and display bank switching.
4
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8579T
VSO56
plastic very small outline package; 56 leads
SOT190
PCF8579U7
−
chip with bumps on tape
−
PCF8579H
LQFP64
plastic low profile quad flat package; 64 leads; body 10
× 10 × 1.4 mm
SOT314-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com