Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8579 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF8579
Description  LCD column driver for dot matrix graphic displays
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8579 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF8579 Datasheet HTML 27Page - NXP Semiconductors PCF8579 Datasheet HTML 28Page - NXP Semiconductors PCF8579 Datasheet HTML 29Page - NXP Semiconductors PCF8579 Datasheet HTML 30Page - NXP Semiconductors PCF8579 Datasheet HTML 31Page - NXP Semiconductors PCF8579 Datasheet HTML 32Page - NXP Semiconductors PCF8579 Datasheet HTML 33Page - NXP Semiconductors PCF8579 Datasheet HTML 34Page - NXP Semiconductors PCF8579 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
1997 Apr 01
31
Philips Semiconductors
Product specification
LCD column driver for dot matrix graphic
displays
PCF8579
15 CHIP DIMENSIONS AND BONDING PAD LOCATIONS
Chip area: 14.37 mm2.
Bonding pad dimensions: 120
µm × 120 µm.
Gold bump dimensions (if ordered): 94
× 94 × 25 µm.
The numbers given in the square boxes refer to the pad number.
MSA920
PCF8579
4.76
mm
3.02 mm
VLCD
A2
n.c.
V3
V4
C39
C38
C37
C36
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
C16
C17
C18
C19
C20
C21
C22
VDD
A1
A0
x
y
0
0
56
1
255
54
53
52
51
50
3
4
5
6
7
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
Fig.24 Bonding pad locations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com