Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8583 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF8583
Description  Clock/calendar with 240 x 8-bit RAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8583 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF8583 Datasheet HTML 8Page - NXP Semiconductors PCF8583 Datasheet HTML 9Page - NXP Semiconductors PCF8583 Datasheet HTML 10Page - NXP Semiconductors PCF8583 Datasheet HTML 11Page - NXP Semiconductors PCF8583 Datasheet HTML 12Page - NXP Semiconductors PCF8583 Datasheet HTML 13Page - NXP Semiconductors PCF8583 Datasheet HTML 14Page - NXP Semiconductors PCF8583 Datasheet HTML 15Page - NXP Semiconductors PCF8583 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
1997 Jul 15
12
Philips Semiconductors
Product specification
Clock/calendar with 240
× 8-bit RAM
PCF8583
Fig.10 Alarm control register, event-counter mode.
handbook, full pagewidth
memory location 08
reset state: 0000 0000
timer function :
000
no timer
001
units
010
100
011
10 000
100
1 000 000
101
not allowed
110
not allowed
111
test mode, all counters
in parallel
timer interrupt enable :
0
timer flag, no interrupt
1
timer flag, interrupt
clock alarm function :
00
no event alarm
01
event alarm
10
not allowed
11
not allowed
timer alarm enable :
0
no timer alarm
1
timer alarm
alarm interrupt enable :
0
alarm flag, no interrupt
1
alarm flag, interrupt
7
654
321
0
MSB
LSB
MRB007
In the clock mode, if the alarm enable is not activated
(alarm enable bit of control/status register is logic 0), the
interrupt output toggles at 1 Hz with a 50% duty cycle (may
be used for calibration). This is the default power-on state
of the device. The OFF voltage of the interrupt output may
exceed the supply voltage, up to a maximum of 6.0 V.
A logic diagram of the interrupt output is shown in Fig.11.
7.10
Oscillator and divider
A 32.768 kHz quartz crystal has to be connected to OSCI
(pin 1) and OSCO (pin 2). A trimmer capacitor between
OSCI and VDD is used for tuning the oscillator (see quartz
frequency adjustment). A 100 Hz clock signal is derived
from the quartz oscillator for the clock counters.
In the 50 Hz clock mode or event-counter mode the
oscillator is disabled and the oscillator input is switched to
a high impedance state.
This allows the user to feed the 50 Hz reference frequency
or an external high speed event signal into the input OSCI.
7.11
Initialization
When power-up occurs the I2C-bus interface, the
control/status register and all clock counters are reset.
The device starts time-keeping in the 32.768 kHz clock
mode with the 24 h format on the first of January at
0.00.00: 00. A 1 Hz square wave with 50% duty cycle
appears at the interrupt output pin (starts HIGH).
It is recommended to set the stop counting flag of the
control/status register before loading the actual time into
the counters. Loading of illegal states may lead to a
temporary clock malfunction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com