Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8583 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8583
Description  Clock/calendar with 240 x 8-bit RAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8583 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8583 Datasheet HTML 17Page - NXP Semiconductors PCF8583 Datasheet HTML 18Page - NXP Semiconductors PCF8583 Datasheet HTML 19Page - NXP Semiconductors PCF8583 Datasheet HTML 20Page - NXP Semiconductors PCF8583 Datasheet HTML 21Page - NXP Semiconductors PCF8583 Datasheet HTML 22Page - NXP Semiconductors PCF8583 Datasheet HTML 23Page - NXP Semiconductors PCF8583 Datasheet HTML 24Page - NXP Semiconductors PCF8583 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1997 Jul 15
21
Philips Semiconductors
Product specification
Clock/calendar with 240
× 8-bit RAM
PCF8583
Fig.21 I2C-bus timing diagram; rise and fall times refer to VIL and VIH.
handbook, full pagewidth
PROTOCOL
SCL
SDA
MBD820
BIT 0
LSB
(R/W)
t HD;STA
t
SU;DAT
t
HD;DAT
t
VD;DAT
t SU;STO
t
f
r
t
t
BUF
t
SU;STA
t
LOW
t HIGH
1 / f SCL
START
CONDITION
(S)
BIT 7
MSB
(A7)
BIT 6
(A6)
ACKNOWLEDGE
(A)
STOP
CONDITION
(P)
14 APPLICATION INFORMATION
14.1
Quartz frequency adjustment
14.1.1
METHOD 1: FIXED OSCI CAPACITOR
By evaluating the average capacitance necessary for the
application layout a fixed capacitor can be used.
The frequency is best measured via the 1 Hz signal
available after power-on at the interrupt output (pin 7).
The frequency tolerance depends on the quartz crystal
tolerance, the capacitor tolerance and the
device-to-device tolerance (on average
±5 × 10−6).
Average deviations of
±5 minutes per year can be
achieved.
14.1.2
METHOD 2: OSCI TRIMMER
Using the alarm function (via the I2C-bus) a signal faster
than 1 Hz can be generated at the interrupt output for fast
setting of a trimmer.
Procedure:
• Power-on
• Initialization (alarm functions).
Routine:
• Set clock to time T and set alarm to time T + dT
• At time T + dT (interrupt) repeat routine.
14.1.3
METHOD 3:
Direct measurement of OSC out (accounting for test probe
capacitance).
The PCF8583 slave address has a fixed combination 1010
as group 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com