Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8583 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8583
Description  Clock/calendar with 240 x 8-bit RAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8583 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8583 Datasheet HTML 12Page - NXP Semiconductors PCF8583 Datasheet HTML 13Page - NXP Semiconductors PCF8583 Datasheet HTML 14Page - NXP Semiconductors PCF8583 Datasheet HTML 15Page - NXP Semiconductors PCF8583 Datasheet HTML 16Page - NXP Semiconductors PCF8583 Datasheet HTML 17Page - NXP Semiconductors PCF8583 Datasheet HTML 18Page - NXP Semiconductors PCF8583 Datasheet HTML 19Page - NXP Semiconductors PCF8583 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
1997 Jul 15
16
Philips Semiconductors
Product specification
Clock/calendar with 240
× 8-bit RAM
PCF8583
9I2C-BUS PROTOCOL
9.1
Addressing
Before any data is transmitted on the I2C-bus, the device which should respond is addressed first. The addressing is
always carried out with the first byte transmitted after the start procedure.
The clock/calendar acts as a slave receiver or slave transmitter. Therefore the clock signal SCL is only an input signal,
but the data signal SDA is a bidirectional line.
The clock/calendar slave address is shown in Fig.16. Bit A0 corresponds to hardware address pin A0. Connecting this
pin to VDD or VSS allows the device to have one of two different addresses.
9.2
Clock/calendar READ/WRITE cycles
The I2C-bus configuration for the different PCF8583 READ and WRITE cycles is shown in Figs 17, 18 and 19.
Fig.16 Slave address.
handbook, halfpage
MRB016
101
00
0
A0 R/W
group 1
group 2
Fig.17 Master transmits to slave receiver (WRITE) mode.
handbook, full pagewidth
S
0A
SLAVE ADDRESS
WORD ADDRESS
A
A
DATA
P
acknowledgement
from slave
acknowledgement
from slave
acknowledgement
from slave
R/W
auto increment
memory word address
MBD822
n bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com