Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C02A Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT24C02A
Description  Two-wire Automotive Temperature Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02A Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT24C02A Datasheet HTML 8Page - ATMEL Corporation AT24C02A Datasheet HTML 9Page - ATMEL Corporation AT24C02A Datasheet HTML 10Page - ATMEL Corporation AT24C02A Datasheet HTML 11Page - ATMEL Corporation AT24C02A Datasheet HTML 12Page - ATMEL Corporation AT24C02A Datasheet HTML 13Page - ATMEL Corporation AT24C02A Datasheet HTML 14Page - ATMEL Corporation AT24C02A Datasheet HTML 15Page - ATMEL Corporation AT24C02A Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
AT24C02A/04A
5083C–SEEPR–1/07
Packaging Information
8S1 – JEDEC SOIC
1150 E. Cheyenne Mtn. Blvd.
Colorado Springs, CO 80906
TITLE
DRAWING NO.
R
REV.
Note:
10/7/03
8S1, 8-lead (0.150" Wide Body), Plastic Gull Wing
Small Outline (JEDEC SOIC)
8S1
B
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A1
0.10
–
0.25
These drawings are for general information only. Refer to JEDEC Drawing MS-012, Variation AA for proper dimensions, tolerances, datums, etc.
A
1.35
–
1.75
b
0.31
–
0.51
C
0.17
–
0.25
D
4.80
–
5.00
E1
3.81
–
3.99
E
5.79
–
6.20
e
1.27 BSC
L
0.40
–
1.27
∅
0°
–
8°
∅
Top View
End View
Side View
e
B
D
A
A1
N
E
1
C
E1
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com