Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C02A Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C02A
Description  Two-wire Automotive Temperature Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02A Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C02A Datasheet HTML 1Page - ATMEL Corporation AT24C02A Datasheet HTML 2Page - ATMEL Corporation AT24C02A Datasheet HTML 3Page - ATMEL Corporation AT24C02A Datasheet HTML 4Page - ATMEL Corporation AT24C02A Datasheet HTML 5Page - ATMEL Corporation AT24C02A Datasheet HTML 6Page - ATMEL Corporation AT24C02A Datasheet HTML 7Page - ATMEL Corporation AT24C02A Datasheet HTML 8Page - ATMEL Corporation AT24C02A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
AT24C02A/04A
5083C–SEEPR–1/07
WRITE PROTECT (WP): The AT24C02A/04A have a WP pin that provides hardware
data protection. The WP pin allows normal read/write operations when connected to
ground (GND). When the WP pin is connected to VCC, the write protection feature is
enabled and operates as shown. (See Table 1.)
Table 1. Write Protect
Memory Organization AT24C02A, 2K SERIAL EEPROM: The 2K is internally organized with 32 pages of 8
bytes each. Random word addressing requires an 8-bit data word address.
AT24C04A, 4K SERIAL EEPROM: The 4K is internally organized with 32 pages of 16
bytes each. Random word addressing requires a 9-bit data word address.
Note:
This parameter is characterized and is not 100% tested.
Note:
1. VIL min and VIH max are reference only and are not tested.
WP Pin Status
Part of the Array Protected
24C02A
24C04A
At VCC
Upper Half (1K) Array
Upper Half (2K) Array
At GND
Normal Read/Write Operations
Table 2. Pin Capacitance
Applicable over recommended operating range from TA = 25°C, f = 1.0 MHz, Vcc= +2.7V
Symbol
Test Condition
Max
Units
Conditions
CI/O
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN
Input Capacitance (A0, A1, A2, SCL)
6
pF
VIN = 0V
Table 3. DC Characteristics
Applicable over recommended operating range from: TA = −40°C to +125°C, VCC = +2.7V to +5.5V
(unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC3
Supply Voltage
2.7
5.5
V
ICC
Supply Current VCC = 5.0V
READ at 100 kHz
0.4
1.0
mA
ICC
Supply Current VCC = 5.0V
WRITE at 100 kHz
2.0
3.0
mA
ISB3
Standby Current VCC = 2.7V
VIN = VCC or VSS
1.6
4.0
µA
ISB4
Standby Current VCC = 5.0V
VIN = VCC or VSS
8.0
18.0
µA
ILI
Input Leakage Current
VIN = VCC or VSS
0.10
3.0
µA
ILO
Output Leakage Current
VOUT = VCC or VSS
0.05
3.0
µA
VIL
Input Low Level (1)
−0.6
VCC x 0.3
V
VIH
Input High Level (1)
VCC x 0.7
VCC + 0.5
V
VOL2
Output Low Level VCC = 3.0V
IOL = 2.1 mA
0.4
V
VOL1
Output Low Level VCC = 1.8V
IOL = 0.15 mA
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com