Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C02A Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT24C02A
Description  Two-wire Automotive Temperature Serial EEPROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C02A Datasheet(HTML) 4 Page - ATMEL Corporation

  AT24C02A Datasheet HTML 1Page - ATMEL Corporation AT24C02A Datasheet HTML 2Page - ATMEL Corporation AT24C02A Datasheet HTML 3Page - ATMEL Corporation AT24C02A Datasheet HTML 4Page - ATMEL Corporation AT24C02A Datasheet HTML 5Page - ATMEL Corporation AT24C02A Datasheet HTML 6Page - ATMEL Corporation AT24C02A Datasheet HTML 7Page - ATMEL Corporation AT24C02A Datasheet HTML 8Page - ATMEL Corporation AT24C02A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
AT24C02A/04A
5083C–SEEPR–1/07
Note:
1. This parameter is characterized and is not 100% tested (TA = 25°C).
2. This parameter is characterized and is not 100% tested.
Table 4. AC Characteristics
Applicable over recommended operating range from T =
−40°C to +125°C, V
CC = +2.7V to +5.5V, CL = 1 TTL Gate and 100
pF (unless otherwise noted)
Symbol
Parameter
AT24C02A/04A
Units
Min
Max
fSCL
Clock Frequency, SCL
400
kHz
tLOW
Clock Pulse Width Low
1.2
µs
tHIGH
Clock Pulse Width High
0.6
µs
tI
Noise Suppression Time(1)
50
ns
tAA
Clock Low to Data Out Valid
0.1
0.9
µs
tBUF
Time the bus must be free before
a new transmission can start(2)
1.2
µs
tHD.STA
Start Hold Time
0.6
µs
tSU.STA
Start Set-up Time
0.6
µs
tHD.DAT
Data In Hold Time
0
µs
tSU.DAT
Data In Set-up Time
100
ns
tR
Inputs Rise Time(2)
300
ns
tF
Inputs Fall Time(2)
300
ns
tSU.STO
Stop Set-up Time
0.6
µs
tDH
Data Out Hold Time
50
ns
tWR
Write Cycle Time
5
ms
Endurance(2)
5.0V, 25
°C, Page Mode
1M
Write Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com