Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461F Datasheet(PDF) 13 Page - ATMEL Corporation

Part # TSS461F
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461F Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button TSS461F Datasheet HTML 9Page - ATMEL Corporation TSS461F Datasheet HTML 10Page - ATMEL Corporation TSS461F Datasheet HTML 11Page - ATMEL Corporation TSS461F Datasheet HTML 12Page - ATMEL Corporation TSS461F Datasheet HTML 13Page - ATMEL Corporation TSS461F Datasheet HTML 14Page - ATMEL Corporation TSS461F Datasheet HTML 15Page - ATMEL Corporation TSS461F Datasheet HTML 16Page - ATMEL Corporation TSS461F Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
13
7615A–AUTO–02/06
TSS461F
Figure 7 shows a normal VAN bus frame. It is initiated with a Start of Frame (SOF) sequence
shown in Figure 9. The SOF can only be transmitted by an autonomous module. During the pre-
amble, the TSS461F will synchronize its bit rate clock to the data received.
Figure 9. Framing Sequences
When the complete SOF sequence has been transmitted or received, the circuit will start the
transmission or reception of the identifier field.
All data on the VAN bus, including the identifier and Frame Check Sum (FCS), are transmitted
using enhanced Manchester code.
In enhanced Manchester code, three NRZ bits are transmitted first followed by one Manchester
bit, then three more NRZ bits followed by one Manchester bit and so on.
Since the high state is recessive and the low state is dominant, the bus arbitration can be done.
If a module wants access to the bus, it must first listen to the bus during one full End of Frame
(EOF) and one full Inter Frame Spacing (IFS) period, to determine whether the bus is free or not
(i.e.,no dominant states received).
Figure 10. Data Encoding
The IFS is defined to be a minimum of 64 prescaled clocks periods. The TSS461F, accepts an
IFS of zero prescaled clocks for the reception only of a SOF sequence.
VAN BUS
SEQUENCE
VAN BUS
SEQUENCE
NUMBER OF
PRESCALED
CLOCKS
PREAMBLE
START OF FRAME
START
SYNC
END OF
DATA
ACK
END OF FRAME
0
16
32
48
64
80
96
112 128 144
160 176 192
VAN BUS
SEQUENCE
VAN BUS
SEQUENCE
VAN BUS
SEQUENCE
NUMBER OF
PRESCALED
CLOCKS
NRZ 0
NRZ 1
MANCHESTER 0
MANCHESTER 1
0
8
16
24
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com