Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461F Datasheet(PDF) 39 Page - ATMEL Corporation

Part # TSS461F
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461F Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button TSS461F Datasheet HTML 35Page - ATMEL Corporation TSS461F Datasheet HTML 36Page - ATMEL Corporation TSS461F Datasheet HTML 37Page - ATMEL Corporation TSS461F Datasheet HTML 38Page - ATMEL Corporation TSS461F Datasheet HTML 39Page - ATMEL Corporation TSS461F Datasheet HTML 40Page - ATMEL Corporation TSS461F Datasheet HTML 41Page - ATMEL Corporation TSS461F Datasheet HTML 42Page - ATMEL Corporation TSS461F Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
39
7615A–AUTO–02/06
TSS461F
Mailbox
The mailbox contains all the messages received or to be transmitted. Each messages is link to a
channel. The Mailbox RAM area has 128 bytes and is mapped from 0x80 to 0xFF (see
section “Mapping”).
The message (or message buffer) is composed of:
•
1 byte of message status (only used in receiving)
•
Bytes of data. These data are the bytes of the DATA field of the frame with the same
organization.
The message is pointed by the Message Pointer Register of the channel, the length of the mes-
sage is given by the Message Length & Status Register of the channel (section “Message
Pointer Register” and section “Message Length And Status Register”). This area is a pure RAM,
it contains a random value after reset.
Figure 22. Message Buffer Structure for Reception
Note:
Received DATA Frame, immediate or deffered reply
CHER CHTx
CHRx
Message Pointer Register
DRAK
M_P [6..0]
Message Length & Status Register
M_L [4..0]
RTR
RNW
RAK
M_L [4..0] = n+1
received
received
received
received
DATA 0
Message
ID [11..0]
SOF
DATA 0
DATA n
FCS
EOF
received
DATA n
received
M_P + 0x80 + n + 2
M_P + 0x80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com