Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSS461F Datasheet(PDF) 49 Page - ATMEL Corporation

Part # TSS461F
Description  VAN Data Link Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS461F Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button TSS461F Datasheet HTML 45Page - ATMEL Corporation TSS461F Datasheet HTML 46Page - ATMEL Corporation TSS461F Datasheet HTML 47Page - ATMEL Corporation TSS461F Datasheet HTML 48Page - ATMEL Corporation TSS461F Datasheet HTML 49Page - ATMEL Corporation TSS461F Datasheet HTML 50Page - ATMEL Corporation TSS461F Datasheet HTML 51Page - ATMEL Corporation TSS461F Datasheet HTML 52Page - ATMEL Corporation TSS461F Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
49
7615A–AUTO–02/06
TSS461F
Activate, Idle
and Sleep
Modes
Sleep, idle and activate commands are located in the Command Register (0x03). These three
commands are general commands for the TSS461F.
Idle and Activate
Commands
After reset, the TSS461F starts in idle mode. In this mode, the oscillator operates (CKOUT pin
active) but the circuit cannot transmit or receive anything on the VAN bus. The TxD output (pin
18) is in three-state mode, a pull-up resistor must be provided externally or by the line driver to
avoid floating state on the VAN bus.
To activate the TSS461F, the user must set the activate bit (ACTI) and reset the idle bit (IDLE).
Figure 30. Idle and Activate Timings
In both cases, the idle state can be verified by reading the Line Status register (0x04).
Sleep Command
If the user sets the sleep bit (SLEEP), the TSS461F enters in sleep mode, whatever are the val-
ues of activate and idle bits. All non-user registers are set-up to reduce the power consumption
and the internal oscillator is immediately stopped. However, all user registers (accessible by µP
bus) are always available by the user
To exit from this mode, the user must set either the idle bit or the activate bit.
In a typical application (Figure 12) using the CKOUT feature (pin 12), if the TSS461F is put in
sleep mode, the clock provided to the microcontroller is stopped. So, the system does not run
and the only way to awake this application is an external reset.
(max)
RxD
TxD
after reset
Idle mode
Activate mode
Activate command
3 TS
8 TS
12 TS
TS: Timeslot period
SOF
SOF
Idle command
FCS
5 TS
4 TS
RxD
INT
Idle mode
Activate mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com