Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT41000 Datasheet(PDF) 10 Page - Qorvo, Inc

Part # ACT41000
Description  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000 Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button ACT41000 Datasheet HTML 6Page - Qorvo, Inc ACT41000 Datasheet HTML 7Page - Qorvo, Inc ACT41000 Datasheet HTML 8Page - Qorvo, Inc ACT41000 Datasheet HTML 9Page - Qorvo, Inc ACT41000 Datasheet HTML 10Page - Qorvo, Inc ACT41000 Datasheet HTML 11Page - Qorvo, Inc ACT41000 Datasheet HTML 12Page - Qorvo, Inc ACT41000 Datasheet HTML 13Page - Qorvo, Inc ACT41000 Datasheet HTML 14Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
Typical Characteristic and Application Performance Curves
Figure 6. Output Noise Spectral Density by Output Current
Time-domain waveforms: Figure 8, Figure 9
Figure 7. Output Noise Spectral Density by Output Voltage
Time-domain waveforms: Figure 10, Figure 9, Figure 11
Figure 8. Output Ripple @ 10 W / 5 V
Frequency-domain waveform: Figure 7
Figure 9. Output Ripple @ 46 W / 24 V
Frequency-domain waveforms: Figure 7, Figure 6
Figure 10. Output Ripple @ 89 W / 24 V
Frequency-domain waveform: Figure 6
Figure 11. Output Ripple @ 24 W / 24 V
Frequency-domain waveform: Figure 6
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
10
www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com