Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT41000 Datasheet(PDF) 39 Page - Qorvo, Inc

Part # ACT41000
Description  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000 Datasheet(HTML) 39 Page - Qorvo, Inc

Back Button ACT41000 Datasheet HTML 35Page - Qorvo, Inc ACT41000 Datasheet HTML 36Page - Qorvo, Inc ACT41000 Datasheet HTML 37Page - Qorvo, Inc ACT41000 Datasheet HTML 38Page - Qorvo, Inc ACT41000 Datasheet HTML 39Page - Qorvo, Inc ACT41000 Datasheet HTML 40Page - Qorvo, Inc ACT41000 Datasheet HTML 41Page - Qorvo, Inc ACT41000 Datasheet HTML 42Page - Qorvo, Inc ACT41000 Datasheet HTML 43Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
Main-buck Regulator
The main-buck is the main step-down switching regulator of the ACT41000 device.
Figure 58. Main-buck Regulator
At a very high level, the SW pin (switching) node voltage is filtered by the output LC filter to have the output voltage. Then,
the output voltage is fed back to the FB_VO input to close the regulator control loop.
The main-buck block requires following external components.
• An output LC filter. See Main-buck LC Output Filter.
• A bootstrap capacitor. See Main-buck Bootstrap Capacitor.
• A compensation capacitor. See Main-buck Compensation Network.
• A current limit programming resistor. See Programmable Current Limit.
• A current sense register. See Output Current Sensing.
Main-buck Enable Control
The main-buck regulator is enabled and disabled by this enable control block. From the view point of power sequencing, the
input of the main-buck is the iEN signal from this block and the output is the Main-buck Power-Good signal.
Disable.
When iEN is logic-L, the main-buck is disabled.
The main-buck provides an active discharge function when the Reg09[4] bit is logic-H. During the active discharge, the
device activates the Output Discharge Resistor to force the output near ground level in shorter time. This feature is useful in
applications where the output is expected to start from the (near) ground voltage.
When the Reg09[4] bit is logic-L, the main-buck makes the output node high impedance at it disabled condition.
Consumption current from load devices discharges the output and, generally, the output voltage value is uncontrolled.
Enable.
When iEN is logic-H, the main-buck is enabled and it regulates the output as described in following sections.
No Controller to Drive the EN pin.
The EN pin has an internal pull-up source as shown in the Figure 59, so the EN pin becomes logic-H by leaving it open
(connected to nothing) and the main-buck gets enabled every time the Control Logic comes to the Bias Ready status.
By using an external delay circuit, the device can support an application specific needs in many flexible ways. See Timing
Control between PGBIAS and EN.
EN Input Buffer
The logic input buffer at the EN pin provides a programmable hysteresis capability. As shown in the Figure 59, There are
two of 1-µA current sources at the EN pin where the first 1-µA element is always connected working as a constant bias and
the second 1-µA element gets connected to the EN pin when its input is logic-H as a hysteresis source.
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
39
www.qorvo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com