Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT41000 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # ACT41000
Description  Programmable Voltage, Programmable Current, Low Noise RFPoL Step-Down Voltage Regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT41000 Datasheet(HTML) 1 Page - Qorvo, Inc

  ACT41000 Datasheet HTML 1Page - Qorvo, Inc ACT41000 Datasheet HTML 2Page - Qorvo, Inc ACT41000 Datasheet HTML 3Page - Qorvo, Inc ACT41000 Datasheet HTML 4Page - Qorvo, Inc ACT41000 Datasheet HTML 5Page - Qorvo, Inc ACT41000 Datasheet HTML 6Page - Qorvo, Inc ACT41000 Datasheet HTML 7Page - Qorvo, Inc ACT41000 Datasheet HTML 8Page - Qorvo, Inc ACT41000 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
ACT41000
Programmable Voltage, Programmable Current, Low Noise
RFPoL Step-Down Voltage Regulator
Product Overview
The Qorvo
® ACT41000 is a programmable output, low
noise, RFPoL (Radio Frequency application Point of Load)
buck converter with auxiliary bias supply regulators. This
synchronous step-down voltage regulator supports a wide
input voltage of 4.5 V to 40 V and integrates both the high
side and low side MOSFETS of
50mΩ R
DSON for high
efficiency power conversions.
To power up a drain of GaN/GaAs Power Amplifiers (PAs),
the ACT41000 supports a programmable output both
in voltage and current (limit) setpoints and the device
operates in constant-current (CC) and constant-voltage (CV)
seamlessly. Qorvo factory-programs the default settings and
an optional MCU can re-program them on-the-fly via I
2C.
The precise 256-step current limit enables an MCU to detect
precise IDQ by eliminating a current sensor IC.
The Qorvo
® proprietary current-mode control uses its on-
chip oscillator clock with spread-spectrum or an external
clock to synchronize. This fixed frequency operation with
the stable control loop greatly reduces output power noise
and EMI to noise sensitive RF components.
The ACT41000 provides two (2) auxiliary rails for peripheral
devices like controllers, sensors and so on.
The ACT41000 RFPoL is available in a 32-pin, 5 mm × 5
mm, thermally enhanced QFN package.
Applications
• RF PA (GaN/GaAs) Drain Bias / Power with IDQ Search
• General Telecom and Industrial Power Supplies
• Telecom RF Modules
• Radar Systems
 
Simplified Application Diagram
Figure 1. ACT41000 Typical Application Diagram
Figure 2. Top View 32-pin 5 x 5 mm QFN Package
Key Features
• 4.5 V to 40 V Operational Input Voltage
• Programmable Output with Factory Defaults
Output Voltage: 3 V to 24 V in 12.5 mV Step
Output Current (Limit): Up to 4 A in 15.6 mA Step
• 450 kHz to 2.25 MHz Fixed-Frequency Current-Mode,
with External Clock Sync. and Spread-Spectrum
• 5 V / 350 mA Self-Bias Buck Converter with
• 20 mA AUX LDO, Programmable Output Voltage
• I
2C Interface, Fast-mode Plus (Fm+, 1 MHz)
• Protections:
UVLO, OVP, UVP (Hiccup/Latch-off), OCP, TSD
• Thermally Enhanced 5 mm × 5 mm QFN Package
• Automotive AEC-Q100 Options Available
(Contact Qorvo for conditions of AEC-Q100 options.)
 
Reference Design Available
ACT41000-104-REF01 reference design provides both the
drain and gate voltages for many RF PAs from Qorvo. It
automatically searches for and optimizes a PA gate voltage
to set its required Idq bias current. This reference design
demonstrates how ACT41000 simplifies RF PA system level
design and cost. The design features the QPA2211 device,
but it can be easily modified for other RF PAs. It operates
with up to 40V input voltage and outputs 24V / 4A drain
power supply.
Figure 3. Reference Design: ACT41000-104-REF01
ACT41000 Data Sheet, Rev. B, 01-Apr-2022
Subject to change without notice
1
www.qorvo.com


Similar Part No. - ACT41000

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT410 ACTIVE-SEMI-ACT410 Datasheet
301Kb / 16P
ActivePSRTM Quasi-Resonant PWM Controller
Rev 3, 27-Feb-14
ACT410US-T ACTIVE-SEMI-ACT410US-T Datasheet
191Kb / 4P
ActivePSR Quasi-Resonant PWM Controller
06-Dec-12
ACT410US-T ACTIVE-SEMI-ACT410US-T Datasheet
301Kb / 16P
ActivePSRTM Quasi-Resonant PWM Controller
Rev 3, 27-Feb-14
ACT410 ACTIVE-SEMI-ACT410_14 Datasheet
301Kb / 16P
ActivePSRTM Quasi-Resonant PWM Controller
Rev 3, 27-Feb-14
More results

Similar Description - ACT41000

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1777 LINER-LT1777 Datasheet
270Kb / 24P
Low Noise Step-Down Switching Regulator
logo
Maxim Integrated Produc...
ICL7663 MAXIM-ICL7663 Datasheet
349Kb / 8P
Programmable Positive Voltage Regulator
19-0961; Rev 1; 4/94
MAX667 MAXIM-MAX667 Datasheet
78Kb / 8P
5V/Programmable Low-Dropout Voltage Regulator
Rev 3; 10/94
logo
Seiko Instruments Inc
S-8430AF SII-S-8430AF Datasheet
1Mb / 23P
STEP UP & DOWN VOLTAGE REGULATOR
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667_08 Datasheet
163Kb / 9P
5V/Programmable Low-Dropout Voltage Regulator
Rev 4; 9/08
MAX17083 MAXIM-MAX17083 Datasheet
392Kb / 15P
Low-Voltage, Internal Switch, Step-Down Regulator
Rev 0; 2/09
logo
Linear Technology
LT1777 LINER-LT1777_15 Datasheet
285Kb / 24P
Low Noise Step-Down Switching Regulator
logo
Skyworks Solutions Inc.
AAT2522 SKYWORKS-AAT2522 Datasheet
3Mb / 19P
Dual High-Current, Low-Noise, Step-Down Regulator
logo
Analog Devices
ADP2389 AD-ADP2389 Datasheet
776Kb / 23P
18 V, 12 A Step-Down Regulator with Programmable Current Limit
REV. 0
logo
Maxim Integrated Produc...
MAX1843 MAXIM-MAX1843_V01 Datasheet
850Kb / 13P
2.7A, 1MHz, Low-Voltage, Step-Down Regulator
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com