Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2011DL Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCK2011DL
Description  Direct RAMbus Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2011DL Datasheet(HTML) 5 Page - NXP Semiconductors

  PCK2011DL Datasheet HTML 1Page - NXP Semiconductors PCK2011DL Datasheet HTML 2Page - NXP Semiconductors PCK2011DL Datasheet HTML 3Page - NXP Semiconductors PCK2011DL Datasheet HTML 4Page - NXP Semiconductors PCK2011DL Datasheet HTML 5Page - NXP Semiconductors PCK2011DL Datasheet HTML 6Page - NXP Semiconductors PCK2011DL Datasheet HTML 7Page - NXP Semiconductors PCK2011DL Datasheet HTML 8Page - NXP Semiconductors PCK2011DL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Philips Semiconductors
Preliminary specification
PCK2011
Direct Rambus
™ Clock Generator
1999 Jan 19
5
Power Management Modes
The DRCG device has three operating states: NORMAL, CLKSTOP
and POWERDOWN. In Normal mode, the clock source is on, and
the output is enabled. In CLKSTOP mode, the clock source is on,
but the output is disabled (STOPB deasserted). In Powerdown
mode, the device is powered down with the control signal PwrDnB
equal to 0. The control signals Mult0, Mult1, S0, S1 and S2 must be
stable before power is applied to the device, and can only be
changed in Power-down mode (PWRDNB=0).
Table 2. POWER MANAGEMENT MODES
MODE
PwrDnB
StopB
Clk
ClkB
NORMAL
1
1
PACLK
PACLKB
CLKSTOP
1
0
VX, STOP
VX, STOP
POWERDOWN
0
X
GND
GND
Upon applying power to the device, the device can enter any state,
depending on the settings of the control signals, PwrDnB and StopB.
The clock source output need not be glitch-free during state
transitions.
SW00360
DRCG
B
A
PPL
X
PWRDNB
S0
S1
S2
STOPB
CLK
CLKB
PACLK
PHASE
ALIGNER
ΦD
SYNCLKN
PCLKM
2
MULT
0
MULT
1
REFCLK
PLLCLK
TEST MUX
BYPASS MUX
BYPCLK
Figure 2. Direct Rambus Clock Generator Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com