Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2011DL Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCK2011DL
Description  Direct RAMbus Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2011DL Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCK2011DL Datasheet HTML 2Page - NXP Semiconductors PCK2011DL Datasheet HTML 3Page - NXP Semiconductors PCK2011DL Datasheet HTML 4Page - NXP Semiconductors PCK2011DL Datasheet HTML 5Page - NXP Semiconductors PCK2011DL Datasheet HTML 6Page - NXP Semiconductors PCK2011DL Datasheet HTML 7Page - NXP Semiconductors PCK2011DL Datasheet HTML 8Page - NXP Semiconductors PCK2011DL Datasheet HTML 9Page - NXP Semiconductors PCK2011DL Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Philips Semiconductors
Preliminary specification
PCK2011
Direct Rambus
™ Clock Generator
1999 Jan 19
6
Pclk
SynClk
Pclk/M =
SynClk/N
SW00292
Figure 3. Gear Ratio Timing Diagram
PHYSICAL SPECIFICATION
General Requirements
The clock source generates differential signals with specified jitter,
voltage levels, duty cycle, and rise/fall times. Figure 5 shows the
clock equivalent circuit.
SW00291
CHANNEL
RT = ZCH
RT = ZCH
ZCH
ZCH
Figure 4. Equivalent Circuit
The driver produces a specified voltage swing on the Channel. The
nominal value of the Channel impedance, Z CH , is 28 ohms.
In order to reduce signal attenuation and EMI, clock signal rise/fall
times are controlled to within specifications. In addition, DRCG is
able to receive input signals that are generated from different
voltage power supplies. The phase detector signals come from the
controller. The controller output voltage supply is connected to the
pin VddIPD of DRCG, and is used as the reference for the
two-phase detector input signals, PclkM and SynClkN. The output
voltage supply is also used as the reference for the output
enable/disable signal, StopB.
The reference clock comes from the main clock source chip. The
main clock source output voltage supply is connected to the pin
VddIR of DRCG, and is used as the reference for the Refclk input
signal.
Clock Jitter
The short-term jitter specification (over four cycles) for the clock
source is under 100 ps maximum. Jitter is measured using a jitter
measurement system that provides flexibility for measuring
cycle-cycle jitter as a function of cycle count.
Clock Source Specification
Rambus clock sources meet the output specifications listed in
Table 4 when characterized under the operating conditions listed in
Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com