Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2011DL Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCK2011DL
Description  Direct RAMbus Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2011DL Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCK2011DL Datasheet HTML 3Page - NXP Semiconductors PCK2011DL Datasheet HTML 4Page - NXP Semiconductors PCK2011DL Datasheet HTML 5Page - NXP Semiconductors PCK2011DL Datasheet HTML 6Page - NXP Semiconductors PCK2011DL Datasheet HTML 7Page - NXP Semiconductors PCK2011DL Datasheet HTML 8Page - NXP Semiconductors PCK2011DL Datasheet HTML 9Page - NXP Semiconductors PCK2011DL Datasheet HTML 10Page - NXP Semiconductors PCK2011DL Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors
Preliminary specification
PCK2011
Direct Rambus
™ Clock Generator
1999 Jan 19
7
Table 3. DC DEVICE CHARACTERISTICS
Symbol
Parameter
Min
Max
Unit
V DD
Supply voltage
3.135
3.465
V
T A
Ambient operating temperature
0
70
°C
tCYCLE ,IN
Refclk Input cycle time
10
40
ns
tJ,IN
Input Cycle-to-cycle jitter1
–
250
ps
DCIN
Input duty cycle over 10,000 cycles
40%
60%
tCYCLE
fM,IN 3
Input frequency of modulation
30
33
kHz
PM,IN
Modulation index
0.25
0.5
%
PMIN 3
Modulation index for triangular modulation
–
0.6
%
PM,IN 3
Modulation index for non-triangular modulation4
–
0.54
%
tCYCLE,PD
Phase Detector input cycle time at PclkM & SynClkN
30
100
ns
tERR,INIT
Initial Phase error at Phase Detector inputs (Required range of Phase Aligner)
–0.5
0.5
tCYCLE,PD
DCIN,PD
Phase Detector input duty cycle over 10,000 cycles
25%
75%
tCYCLE,PD
tIR , tIF
Input slew rate (measured at 20% – 80% of input voltage) for PclkM, SynClkN, and Refclk
1
4
V/ns
CIN,PD
Input capacitance at PclkM, SynClkN, and Refclk2
–
7
pF
∆C
IN,PD
Input capacitance matching at PclkM and SynClkN2
–
0.5
pF
CIN,CMOS
Input capacitance at CMOS pins2
–
10
pF
VIL
Input (CMOS) signal low voltage
–
0.3
Vdd
VIH
Input (CMOS) signal high voltage
0.7
–
Vdd
VIL,R
Refclk input low voltage
–
0.3
VddI,R
VIH,R
Refclk input high voltage
0.7
–
VddI,R
VIL,PD
Input signal low voltage for PD inputs and StopB
–
0.3
VddI,PD
VIH,PD
Input signal high voltage for PD inputs and StopB
0.7
–
VddI,PD
VDDI,R
Input supply reference for Refclk
1.3
3.3
V
VDDI,PD
Input supply reference for PD inputs
1.3
3.3
V
NOTES:
1. Refclk jitter measured at VDDI,R(nom)/2
2. Capacitance measured at Freq = 1MHz, DC bias = 0.9V, and VAC < 100mV
3. If the input modulation is used, input modulation is allowed but not required.
4. The amount of allowed spreading for any non-triangular modulation is determined by the induced downstream tracking skew, which cannot
exceed the skew generated by the specified 0.6% triangular modulation. Typically, the amount of allowed non-triangular modulation is about
0.5%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com