Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2023 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCK2023
Description  CK408 66/100/133/200 MHz spread spectrum differential system clock generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2023 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCK2023 Datasheet HTML 4Page - NXP Semiconductors PCK2023 Datasheet HTML 5Page - NXP Semiconductors PCK2023 Datasheet HTML 6Page - NXP Semiconductors PCK2023 Datasheet HTML 7Page - NXP Semiconductors PCK2023 Datasheet HTML 8Page - NXP Semiconductors PCK2023 Datasheet HTML 9Page - NXP Semiconductors PCK2023 Datasheet HTML 10Page - NXP Semiconductors PCK2023 Datasheet HTML 11Page - NXP Semiconductors PCK2023 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Philips Semiconductors
Product data
PCK2023
CK408 (66/100/133/200 MHz) spread
spectrum differential system clock generator
2001 Sep 07
8
AC CHARACTERISTICS
VDD3 = 3.3 V –5%; fcrystal = 14.31818 MHz
3V66 66 MHz TIMING REQUIREMENTS
SYMBOL
PARAMETER
LIMITS
Tamb = 0 to +70 °C
UNIT
NOTES
MIN
MAX
TPERIOD
period
15.0
15.3
ns
8, 13
tHIGH
HIGH time
4.95
N/A
ns
9
tLOW
LOW time
4.55
N/A
ns
10
tRISE
rise time
0.5
2.0
ns
12
tFALL
fall time
0.5
2.0
ns
12
tJITTER
cycle-to-cycle jitter
—
250
ps
Edge rate
rising edge rate
1.0
4.0
V/ns
12
Edge rate
falling edge rate
1.0
4.0
V/ns
12
tSKEW
pin-to-pin skew 3V66 [1:0]
0.0
250
ps
tSKEW
pin-to-pin skew 3V66 [5:2]
0.0
250
ps
tSKEW
pin-to-pin skew 3V66 [5:0]
0.0
450
ps
66 MHz BUFFERED TIMING REQUIREMENTS
SYMBOL
PARAMETER
LIMITS
Tamb = 0 to +70 °C
UNITS
NOTES
MIN
MAX
tRISE
rise time
0.5
2.0
ns
12
tFALL
fall time
0.5
2.0
ns
12
tPD
propagation delay from 66In to 66BUFF [2:0]
2.5
4.5
ns
Edge rate
rising edge rate
1.0
4.0
V/ns
12
Edge rate
falling edge rate
1.0
4.0
V/ns
12
tSKEW
66 MHz buffered pin-to-pin skew
0.0
175
ps
PCIF/PCI AC TIMING REQUIREMENTS
SYMBOL
PARAMETER
LIMITS
Tamb = 0 to +70 °C
UNITS
NOTES
MIN
MAX
TPERIOD
period
30.0
N/A
ns
8, 13
tHIGH
HIGH time
12.0
N/A
ns
9
tLOW
LOW time
12.0
N/A
ns
10
tRISE
rise time
0.5
2.0
ns
12
tFALL
fall time
0.5
2.0
ns
12
tJITTER
cycle-to-cycle jitter
—
—
ps
Edge rate
rising edge rate
1.0
4.0
V/ns
12
Edge rate
falling edge rate
1.0
4.0
V/ns
12
tSKEW
pin-to-pin skew
0.0
500
ps
tPCI
3V66 [5:0] leads 33 MHz PCI
1.5
3.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com