Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2023 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCK2023
Description  CK408 66/100/133/200 MHz spread spectrum differential system clock generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2023 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCK2023 Datasheet HTML 9Page - NXP Semiconductors PCK2023 Datasheet HTML 10Page - NXP Semiconductors PCK2023 Datasheet HTML 11Page - NXP Semiconductors PCK2023 Datasheet HTML 12Page - NXP Semiconductors PCK2023 Datasheet HTML 13Page - NXP Semiconductors PCK2023 Datasheet HTML 14Page - NXP Semiconductors PCK2023 Datasheet HTML 15Page - NXP Semiconductors PCK2023 Datasheet HTML 16Page - NXP Semiconductors PCK2023 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Philips Semiconductors
Product data
PCK2023
CK408 (66/100/133/200 MHz) spread
spectrum differential system clock generator
2001 Sep 07
13
AC WAVEFORMS
VM = 1.25 V @ VDDL and 1.5 V @ VDD3
VX = VOL + 0.3 V
VY = VOH – 0.3 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
HOST CLK
50%
50%
VOH
VSS
VOH
VSS
tSKEW
SW00850
HOST CLK
tPERIOD
Figure 1. Host clock
VDDL
VOH = 2.4 V
VIH = 2.0 V
1.5 V
VIL = 0.7 V
VOL = 0.4 V
VSS
COMPONENT
MEASUREMENT
POINTS
SYSTEM
MEASUREMENT
POINTS
SW00851
Figure 2. 3.3 V clock waveforms
tPLZ
tPZL
VI
SEL1,
SEL0
GND
VDD
OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
VSS
Outputs
enabled
Outputs
enabled
Outputs
disabled
tPHZ
VM
VM
VM
tPZH
VX
VY
SW00571
Figure 3. State enable and disable times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com