Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2023 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCK2023
Description  CK408 66/100/133/200 MHz spread spectrum differential system clock generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2023 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCK2023 Datasheet HTML 22Page - NXP Semiconductors PCK2023 Datasheet HTML 23Page - NXP Semiconductors PCK2023 Datasheet HTML 24Page - NXP Semiconductors PCK2023 Datasheet HTML 25Page - NXP Semiconductors PCK2023 Datasheet HTML 26Page - NXP Semiconductors PCK2023 Datasheet HTML 27Page - NXP Semiconductors PCK2023 Datasheet HTML 28Page - NXP Semiconductors PCK2023 Datasheet HTML 29Page - NXP Semiconductors PCK2023 Datasheet HTML 30Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Philips Semiconductors
Product data
PCK2023
CK408 (66/100/133/200 MHz) spread
spectrum differential system clock generator
2001 Sep 07
26
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VDD
TEST
S1
tPLH/tPHL
Open
tPLZ/tPZL
2
<VDD
tPHZ/tPZH
VSS
Open
VSS
S1
2
<VDD
VDD = VDDQ2 or VDDQ3, DEPENDS ON THE OUTPUT
500
Ω
500
Ω
SW00572
CL includes jig and probe capacitance
Figure 19. Load circuitry for switching times
SW00573
PWRDWN
CPUCLK
(INTERNAL)
PCICLK
(INTERNAL)
PCICLK
(EXTERNAL)
CPUCLK
(EXTERNAL)
PWRDWN
OSC & VCO
USB (48 MHz)
Figure 20. Power management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com