Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS6916 Datasheet(PDF) 3 Page - Analog Microelectronics GmbH

Part # AMS6916
Description  Board mount pressure sensor with ratiometric analog output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AMS6916 Datasheet(HTML) 3 Page - Analog Microelectronics GmbH

  AMS6916 Datasheet HTML 1Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 2Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 3Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 4Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 5Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 6Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 7Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 8Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 9Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AMS 6916
Board mount pressure sensor with ratiometric analog output
April 2019
– Rev. 1.0, preliminary
Page 3/9
www.analog-micro.com
SPECIFICATIONS
All parameters apply to Top = 25 °C and VS = 5.0 V unless otherwise stated.
Parameter
Minimum
Typical
Maximum
Units
Analog output signal
1)
@ specified minimum pressure (see "pressure ranges")
2)
0.5
V
@ specified maximum pressure (see "pressure ranges")
2)
4.5
V
Full span output (FSO)
3)
4
V
without pressure (bidirectional differential types)
2.5
V
Accuracy
4) @ T = 25 °C
Ultra low pressure sensors (5, 10 mbar)
± 1.0
%FSO
Low pressure sensors (20, 50, 100 mbar)
± 0.5
%FSO
Standard pressure sensors (> 100 mbar)
± 0.5
%FSO
Overall error
5) (TEB) @ T = 0 … 60 °C
Ultra low pressure sensors (5, 10 mbar)
± 1.5
%FSO
Low pressure sensors (20, 50, 100 mbar)
± 1.0
%FSO
Standard pressure sensors (> 100 mbar)
± 1.0
%FSO
Long term stability
0.2
6)
< 0.5
%FSO/a
Resolution A/D converter
14
bits
Resolution analog output signal
12
bits
Supply voltage range (VS)
4.75
5.00
5.25
V
Overall ratiometricity error (@ VS = 4.9 … 5.1 V)
7)
± 0.1
%FSO
Current consumption
3
mA
Reaction time (10 %
… 90 % rise time)
1
2
ms
Start up time (Power up to data ready)
8
ms
Load resistance at output RL to GND
8)
5
k
Ω
Capacitive load
15
nF
Diagnostic output level
0 … 2.5 and 97.5 … 100
% VS
Pressure changes
10
6
Compensated temperature range
-25
85
°C
Weight
1.5
g
Media compatibility
See "Specification notes"
9) 10)
Table 3: Specifications
SPECIFICATION NOTES
1)
The analog output signal is ratiometric to the supply voltage.
2)
For pressure ranges see Table 1.
3)
The Full Span Output (FSO) is the algebraic difference between the output signal at the specified maximum
pressure and the output signal at the specified minimum pressure (see "Pressure ranges").
4)
Accuracy is defined as the
measurement value’s maximum deviation from the ideal characteristic curve at room
temperature (RT) in %FSO including the adjustment error (offset and span), nonlinearity, pressure hysteresis and
repeatability. Nonlinearity is the measured deviation from the best fit straight line (BFSL) across the entire
pressure range. Pressure hysteresis is the maximum deviation of the output value at any pressure within the
specified range when the pressure is cycled to and from the minimum or maximum rated pressure. Repeatability
is
the maximum
deviation of the output value at any pressure within the specified range after
10 pressure cycles.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com