Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS6916 Datasheet(PDF) 5 Page - Analog Microelectronics GmbH

Part # AMS6916
Description  Board mount pressure sensor with ratiometric analog output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AMS6916 Datasheet(HTML) 5 Page - Analog Microelectronics GmbH

  AMS6916 Datasheet HTML 1Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 2Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 3Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 4Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 5Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 6Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 7Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 8Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 9Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AMS 6916
Board mount pressure sensor with ratiometric analog output
April 2019
– Rev. 1.0, preliminary
Page 5/9
www.analog-micro.com
During AMS 6916
’s factory calibration sensor-specific correction coefficients are determined and stored in
each
sensor’s EEPROM. This permits sensor-specific calibration and correction (i.e. temperature
compensation and linearization) of the digitized pressure signal. The temperature signal necessary for
temperature compensation is generated at the ASIC
’s temperature reference block (TSig) and is transmitted
by the multiplexer to the ADC, where it is digitized. The ASIC
’s microcontroller block runs a cyclic program,
which continuously calculates the current standardized and corrected digital pressure value using the current
digitized pressure and temperature values as well as the stored correction coefficients.
Based on the linearized, temperature compensated and calibrated digital pressure value calculated by the
microcontroller, the 12-bit D/A converter (DAC) block generates a ratiometric analog output voltage signal,
which is factory calibrated to
0.5 … 4.5 V at 5 V supply voltage.
AMS 6916’s ideal output voltage VOUT
rat
at pin 1 (OUT) is a linear function of the applied pressure p and the
supply voltage VS .
It can be calculated by:
VOUT
rat (p, V
S) = (
p - pmin
pmax - pmin
∙0.8 + 0.1) ∙VS
(1)
Therein pmin and pmax are the sensor’s specified minimum and maximum pressure, given by the sensor’s
pressure range in Table 1. The applied measurement pressure p is defined by
p = p1 - p2
for differential and bi-directional types
p = p1
for relative types (with p1 referenced to ambient pressure)
p = p2
for absolute and barometric types (with p2 referenced to vacuum)
with the definition p1 = pressure at port 1 and p2 = pressure at port 2 of AMS 6915 (for port definition see
Figure 3).
Furthermore the output at pin 1 (OUT) is short circuit protected against GND and Vs.
AMS 6916’s diagnostic function
The AMS 6916 series has integrated diagnostic features to ensure that the sensor is working properly. The
proof of functionality is done by the signal conditioning ASIC
’s diagnostics block, which is able to detect the
following errors:
-
failures in EEPROM contents (checked after Power On)
-
failures in the pressure sensing element
’s electrical connections (checked during measurement
operation)
-
failures in the sensor’s power or ground connection (Vs or GND loss, checked during measurement
operation).
If the diagnostics block detects an error, the output voltage is set to a value in the diagnostic range, with
VOUT ≤ 0.025 · Vs or VOUT ≥ 0.975 · Vs.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com