Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS6916 Datasheet(PDF) 4 Page - Analog Microelectronics GmbH

Part # AMS6916
Description  Board mount pressure sensor with ratiometric analog output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGMICRO [Analog Microelectronics GmbH]
Direct Link  https://www.analog-micro.com
Logo ANALOGMICRO - Analog Microelectronics GmbH

AMS6916 Datasheet(HTML) 4 Page - Analog Microelectronics GmbH

  AMS6916 Datasheet HTML 1Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 2Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 3Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 4Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 5Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 6Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 7Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 8Page - Analog Microelectronics GmbH AMS6916 Datasheet HTML 9Page - Analog Microelectronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AMS 6916
Board mount pressure sensor with ratiometric analog output
April 2019
– Rev. 1.0, preliminary
Page 4/9
www.analog-micro.com
5)
The overall error (TEB) is defined as the measurement value
’s maximum deviation from the ideal characteristic
curve in %FSO in the temperature range of 0
… 60 °C.
6)
The long term stability is tested on a sample base.
7)
The ratiometricity error is defined as the maximum deviation of the measurement output voltage at a supply
voltage VS from the measurement output voltage at 5 V supply multiplied with VS / 5 V at room temperature (RT)
in %FSO at any pressure within the specified range. VS has to be in the specified range.
8)
A load resistor of RL = 10 kΩ is recommended, if the diagnostic feature is used to detect a power loss.
9)
Media compatibility of pressure port 1 (for a description of port 1, see Figure 3): fluids and gases non-corrosive to
LCP, silicon, Pyrex, RTV silicone rubber and epoxy.
10) Media compatibility of pressure port 2 (for a description of port 2, see Figure 3): clean, dry gases, non-corrosive to
LCP, silicon, RTV silicone rubber, epoxy, gold (alkaline or acidic liquids can destroy the sensor).
FUNCTIONAL DESCRIPTION
The pressure sensors from the AMS 6916 series combine a high quality, piezoresistive MEMS silicon sens-
ing element with a modern mixed-signal CMOS ASIC for digital signal-conditioning on a ceramic substrate.
This combination enables high precision measurements and excellent drift and long-term stability.
The functional principle of the AMS 6916 sensors is explained using Figure 1.
The physical pressure measurement is done at AMS 6916's piezoresistive pressure sensing element, which
converts the applied pressure into a differential voltage signal almost proportional to the applied pressure.
This differential voltage signal is corrected and conditioned by the connected ASIC in multiple steps.
At first the differential voltage signal from the sensing element is pre-amplified by the ASIC
’s amplifier block
(Amp) and transmitted to the integrated A/D converter (ADC) by the multiplexer stage (MUX). The ADC
converts this voltage signal into a digital value with a resolution of 14 bit. This digitized pressure signal is
corrected and calibrated in the subsequent ASIC microcontroller (uC) block.
Figure 1: Functional principle



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com