Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2H1 Datasheet(PDF) 1 Page - BusBoard Prototype Systems Ltd.

Part # PR2H1
Description  A BOX1-1455C extruded aluminum enclosure with a PR2H1 2-hole per strip ProtoBoard.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.

PR2H1 Datasheet(HTML) 1 Page - BusBoard Prototype Systems Ltd.

  PR2H1 Datasheet HTML 1Page - BusBoard Prototype Systems Ltd. PR2H1 Datasheet HTML 2Page - BusBoard Prototype Systems Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT DATASHEET
BusBoard Prototype Systems
www.BusBoard.com
"Faster ways to build prototypes"
REV 1
PR2H1 ProtoBoard
Box1 Kit
A BOX1-1455C extruded aluminum enclosure
with a PR2H1 2-hole per strip ProtoBoard.
PART#:
KBOX1-AC-SV-PR2H
PART#:
KBOX1-AC-BK-PR2H
PART#:
KBOX1-AC-RD-PR2H
PART#:
KBOX1-AC-BL-PR2H
AVAILABLE STYLES:
SILVER BOX
BLACK BOX
RED BOX
BLUE BOX
• Box is anodized extruded aluminum with
end plates anodized to match, and
polycarbonate plastic bezels.
• Available in four colors
• Box Size 3.15 x 2.13 x 0.91 inches
(80 x 54 x 23 mm).
• 4 built-in card guides for size 1 PCBs
(50 x 80mm).
• Screws and self adhesive rubber feet
included.
• Rugged body constructed from extruded
aluminum with a minimum thickness of
.06" (1.5 mm).
• Convenient 2-hole ProtoBoard pattern
provides an easy way to connect parts.
• High-quality single-sided FR4 glass-epoxy
circuit board.
• 1oz/ft2 copper with an anti-tarnish coatin
for easy soldering. Lead free and RoHS
compliant.
• 31 x 19 holes, 0.037" holes are drilled on
0.1" (2.54mm) centers. Four 0.125"
mounting holes.
• Size 1 = 50 x 80mm (1.97 x 3.15").
• 1/16" (1.6mm) thick.
Enclosure Features:
PCB Features:


Similar Part No. - PR2H1

ManufacturerPart #DatasheetDescription
logo
BusBoard Prototype Syst...
PR2H2 BUSBOARD-PR2H2 Datasheet
730Kb / 2P
A BOX2-1455L extruded aluminum enclosure with a PR2H2 2-hole per strip ProtoBoard.
REV 1
logo
MTRONPTI
PR2HC MTRONPTI-PR2HC Datasheet
403Kb / 2P
Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
PR2HCS MTRONPTI-PR2HCS Datasheet
403Kb / 2P
Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
PR2HCXX MTRONPTI-PR2HCXX Datasheet
403Kb / 2P
Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
PR2HD MTRONPTI-PR2HD Datasheet
291Kb / 2P
3.5 x 6.0 x 1.0 mm Surface Mount Crystals
More results

Similar Description - PR2H1

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
KR1550 LUMINIS-KR1550 Datasheet
536Kb / 3P
Extruded aluminum driver housing module with a fine linear stria pattern.
KR1555 LUMINIS-KR1555 Datasheet
536Kb / 3P
Extruded aluminum driver housing module with a fine linear stria pattern.
SQ502 LUMINIS-SQ502 Datasheet
122Kb / 2P
Extruded aluminum housing
SQ510 LUMINIS-SQ510 Datasheet
111Kb / 2P
Extruded aluminum housing
logo
BusBoard Prototype Syst...
1553B BUSBOARD-1553B Datasheet
1Mb / 5P
A Hammond 1553B soft-side plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1553DBAT BUSBOARD-1553DBAT Datasheet
2Mb / 6P
A Hammond 1553DBAT soft-side plastic enclosure with battery compartment, packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1590B BUSBOARD-1590B Datasheet
986Kb / 5P
A Hammond 1590B rugged die-cast enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1590BB BUSBOARD-1590BB Datasheet
940Kb / 5P
A Hammond 1590BB rugged die-cast enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
1593K BUSBOARD-1593K Datasheet
961Kb / 4P
A Hammond 1593K handheld plastic enclosure packaged with a matching ProtoBoard 2-hole per strip PCB.
Rev 4.00
logo
Hammond Manufacturing L...
1455 HAMMOND-1455 Datasheet
509Kb / 7P
Extruded Aluminum Enclosures
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com