Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF3DX3 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MF3DX3
Description  MIFARE DESFire EV3 contactless multi-application IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3DX3 Datasheet(HTML) 2 Page - NXP Semiconductors

  MF3DX3 Datasheet HTML 1Page - NXP Semiconductors MF3DX3 Datasheet HTML 2Page - NXP Semiconductors MF3DX3 Datasheet HTML 3Page - NXP Semiconductors MF3DX3 Datasheet HTML 4Page - NXP Semiconductors MF3DX3 Datasheet HTML 5Page - NXP Semiconductors MF3DX3 Datasheet HTML 6Page - NXP Semiconductors MF3DX3 Datasheet HTML 7Page - NXP Semiconductors MF3DX3 Datasheet HTML 8Page - NXP Semiconductors MF3DX3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
NXP Semiconductors
MF3D(H)x3
MIFARE DESFire EV3 contactless multi-application IC
MIFARE DESFire EV3 is the fourth generation of the MIFARE DESFire products family succeeding MIFARE
DESFire EV2. It is functionally backward compatible with all previous MIFARE DESFire generations, namely
MIFARE DESFire EV2, MIFARE DESFire EV1 and MIFARE DESFire D40 (MF3ICD40).
Figure 1 shows the relationship between the latest three generations of MIFARE DESFire products. The latest
generation encompasses the features from the older generation(s). Therefore, allowing existing users of the
older products to adopt the latest product with minimum or no changes to their infrastructures.
MIFARE DESFire EV3 can be used as a MIFARE DESFire EV2 or a MIFARE DESFire EV1 in its default
delivery configuration. Every new feature would require an activation and/or the use of new commands which is
described in their respective sections in this document.
aaa-037714
CC EAL5+ on HW and SW
2 KB, 4 KB or 8 KB NV memory
No limit on no. of Applications, 32 files
6 file types - new Transaction MAC file
17 pF or 70 pF
CC EAL5+ on HW and SW
2 KB, 4 KB, 8 KB, 16 KB or 32 KB NV memory
No limit on no. of Applications, 32 files
6 file types - new Transaction MAC file
17 pF or 70 pF
Secure messaging (EV2):
Random ID
Improved ISO7816-4 support
Configurable ATS:
MlsmartApp
Transaction MAC
Multiple Key Sets
Multiple keys per access rights
Shared application management
UpdateRecord command
Virtual Card Architecture
Proximity Check
Originality Check
AES128
up to 128 bytes buffer
CC EAL4+ on HW and SW
256 B, 2 KB, 4 KB or 8 KB NV memory
28 Applications, 32 files
5 file types
17 pF or 70 pF
Secure messaging (EV1):
2KTDEA and 3KTDEA and AES128
Random ID
ISO7816-4 APDU and CMDs (8)
ISO7816-4 file structure support
Configurable ATS
Secure messaging (EV2):
Random ID
Improved ISO7816-4 support
Configurable ATS:
MlsmartApp
Transaction MAC
Multiple Key Sets
Multiple keys per access rights
Shared application management
UpdateRecord command
Virtual Card Architecture
Proximity Check
Originality Check
Tranaction Timer
Secure Dynamic Messaging
NXP AppXplorer support
AES128
up to 256 bytes buffer
EV1
EV2
EV3
Figure 1. Evolution of MIFARE DESFire
MF3D_H_X3_SDS
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product short data sheet
Rev. 3.1 — 11 January 2024
2 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com