Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF3DX3 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MF3DX3
Description  MIFARE DESFire EV3 contactless multi-application IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3DX3 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MF3DX3 Datasheet HTML 9Page - NXP Semiconductors MF3DX3 Datasheet HTML 10Page - NXP Semiconductors MF3DX3 Datasheet HTML 11Page - NXP Semiconductors MF3DX3 Datasheet HTML 12Page - NXP Semiconductors MF3DX3 Datasheet HTML 13Page - NXP Semiconductors MF3DX3 Datasheet HTML 14Page - NXP Semiconductors MF3DX3 Datasheet HTML 15Page - NXP Semiconductors MF3DX3 Datasheet HTML 16Page - NXP Semiconductors MF3DX3 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
NXP Semiconductors
MF3D(H)x3
MIFARE DESFire EV3 contactless multi-application IC
7.5 Memory organization
The NV memory is organized using a flexible file system. This file system allows multiple numbers of different
applications on one MIFARE DESFire EV3. Each application can have multiple files. Every application is
represented by its 3 bytes Application IDentifier (AID) and an optional ISO DF Name.
5 different data file types and 1 Transaction MAC file type are supported; see Section 8.6.
A guideline to assign DESFire AIDs can be found in the application note MIFARE Application Directory (MAD);
see [3].
Each file can be created either at MIFARE DESFire EV3 initialization (card production/card printing), at MIFARE
DESFire EV3 personalization (vending machine) or in the field.
If a file or application becomes obsolete in operation, it can be permanently invalidated.
Commands which have impact on the file structure itself (e.g. creation or deletion of applications, change of
keys) activate an automatic rollback mechanism, which protects the file structure from being corrupted.
If this rollback is necessary, it is done without user interaction before carrying out further commands. To ensure
data integrity on application level, a transaction-oriented backup is implemented for all file types with backup. It
is possible to mix file types with and without backup within one application.
7.6 Available file types
The files within an application can be any of the following types:
• Standard data files
• Backup data files
• Value files with backup
• Linear record files with backup
• Cyclic record files with backup
• Transaction MAC file
7.7 Security
The 7 byte UID is fixed, programmed into each device during production. It cannot be altered and ensures the
uniqueness of each device.
The UID may be used to derive diversified keys for each ticket. Diversified MIFARE DESFire EV3 keys
contribute to gain an effective anti-cloning mechanism and increase the security of the original key.
Prior to data transmission a mutual three-pass authentication can be done between MIFARE DESFire EV3 and
PCD depending on the configuration employing either 56-bit DES (single DES, DES), 112-bit DES (triple DES,
3DES), 168-bit DES (3 key triple DES, 3K3DES) or AES. During the authentication, the level of security of all
further commands during the session is set. In addition, the communication settings of the file/application result
in the following options of secure communication between MIFARE DESFire EV3 and PCD:
• Plain data transfer (only possible within the backwards-compatible mode to MF3ICD40 and EV2 secure
messaging)
• Plain data transfer with cryptographic checksum (MAC): Authentication with backwards-compatible mode to
MF3ICD40: 4 byte MAC; All other authentications based on DES/3DES/AES: 8 byte CMAC
• Encrypted data transfer (secured by CRC before encryption): Authentication with backwards-compatible mode
to MF3ICD40: A 16-bit CRC is calculated over the stream and attached. The resulting stream is encrypted
using the chosen cryptographic method. All other authentications-based DES/3DES/AES: A 32-bit CRC is
calculated over the stream and attached. The resulting stream is encrypted using the chosen cryptographic
method. A cryptographic checksum (CMAC) will also be attached when using EV2 secure messaging.
MF3D_H_X3_SDS
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product short data sheet
Rev. 3.1 — 11 January 2024
13 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com