Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF3DX3 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MF3DX3
Description  MIFARE DESFire EV3 contactless multi-application IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3DX3 Datasheet(HTML) 4 Page - NXP Semiconductors

  MF3DX3 Datasheet HTML 1Page - NXP Semiconductors MF3DX3 Datasheet HTML 2Page - NXP Semiconductors MF3DX3 Datasheet HTML 3Page - NXP Semiconductors MF3DX3 Datasheet HTML 4Page - NXP Semiconductors MF3DX3 Datasheet HTML 5Page - NXP Semiconductors MF3DX3 Datasheet HTML 6Page - NXP Semiconductors MF3DX3 Datasheet HTML 7Page - NXP Semiconductors MF3DX3 Datasheet HTML 8Page - NXP Semiconductors MF3DX3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
NXP Semiconductors
MF3D(H)x3
MIFARE DESFire EV3 contactless multi-application IC
• Hardware exception sensors
• Self-securing file system
• Transaction MAC signed with secret key per application
• Virtual Card Architecture for enhanced card/application selection on multi-VC devices with privacy protection
• Proximity Check for protection against Relay Attacks
• Originality Check for proof of genuine NXP’s product
2.1.5 ISO/IEC 7816 compatibility
• Supports ISO/IEC 7816-4 file structure (selection by File ID or DF name)
• Supports ISO/IEC 7816-4 APDU message structure
• Supports ISO/IEC 7816-4 APDU wrapper for MIFARE DESFire native commands
• Supports ISO/IEC 7816-4 INS code ‘A4’ for SELECT FILE
• Supports ISO/IEC 7816-4 INS code ‘B0’ for READ BINARY
• Supports ISO/IEC 7816-4 INS code ‘D6’ for UPDATE BINARY
• Supports ISO/IEC 7816-4 INS code ‘B2’ for READ RECORDS
• Supports ISO/IEC 7816-4 INS code ‘E2’ for APPEND RECORD
• Supports ISO/IEC 7816-4 INS code ‘84’ for GET CHALLENGE
• Supports ISO/IEC 7816-4 INS code ‘88’ for INTERNAL AUTHENTICATE
• Supports ISO/IEC 7816-4 INS code ‘82’ for EXTERNAL AUTHENTICATE
2.1.6 Special features
• Transaction-oriented automatic anti-tear mechanism with new transaction timer support
• Configurable ATS information for card personalization
• Backward compatibility mode to MIFARE DESFire EV2, EV1 and D40 (MF3ICD40)
• Secure Unique NFC (SUN) enabled by Secure Dynamic Messaging (SDM) which is mirrored as text into the
NDEF message (compatible with NTAG DNA)
• NFC Forum Type 4 Tag certified (Certificate ID. 58652)
• Optional high input capacitance (70 pF) for small form factor designs (MF3DHx3)
MF3D_H_X3_SDS
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product short data sheet
Rev. 3.1 — 11 January 2024
4 / 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com