Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBH11 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDIUSBH11
Description  Universal Serial Bus Hub
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH11 Datasheet(HTML) 4 Page - NXP Semiconductors

  PDIUSBH11 Datasheet HTML 1Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 2Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 3Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 4Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 5Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 6Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 7Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 8Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Philips Semiconductors
Product specification
PDIUSBH11
Universal Serial Bus Hub
1997 Aug 01
4
PIN DESCRIPTION (MODE 0)
PIN NO
PIN SYMBOL
I/O
DRIVE
NAME AND FUNCTION
1
TEST1
I
Connect to Ground
2
TEST2
I
Connect to Ground
3
TEST3
I
Connect to Ground
4
RESET_N
I
ST
Power-on reset
5
GND
POWER
Ground reference
6
XTAL1
I/O
Crystal connection 1 (48MHz)
7
XTAL2
I/O
Crystal connection 2 (48MHz)
8
CLK12MHZ
O
2mA
12MHz output clock for external devices
9
VCC
POWER
Voltage supply 3.3V
" 0.3V
10
OCURRENT_N
I
ST
Over-current notice to the device
11
SWITCH_N
O
OD8
Enables power to downstream ports
12
SUSPEND
O
4mA
Device is in suspended state
13
DN2_EN_N
O
OD8
Downstream port 2 LED enable indicator
14
DN3_EN_N
O
OD8
Downstream port 3 LED enable indicator
15
DN4_EN_N
O
OD8
Downstream port 4 LED enable indicator
16
DN5_EN_N
O
OD8
Downstream port 5 LED enable indicator
17
INT_N
O
OD4
Connect to microcontroller interrupt
18
SDA
I/O
OD4
I2C bi-directional data
19
SCL
I/O
OD4
I2C bit-clock
20
GND
POWER
Ground reference
21
DN5_DP
AI/O
Downstream port 5 D+ connection
22
DN5_DM
AI/O
Downstream port 5 Dconnection
23
DN4_DP
AI/O
Downstream port 4 D+ connection
24
DN4_DM
AI/O
Downstream port 4 Dconnection
25
DN3_DP
AI/O
Downstream port 3 D+ connection
26
DN3_DM
AI/O
Downstream port 3 Dconnection
27
DN2_DP
AI/O
Downstream port 2 D+ connection
28
DN2_DM
AI/O
Downstream port 2 D- connection
29
AGND
POWER
Analog Ground reference
30
AVCC
POWER
Analog voltage supply 3.3V
" 0.3V
31
UP_DP
AI/O
Upstream D+ connection
32
UP_DM
AI/O
Upstream D- connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com