Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBH11 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDIUSBH11
Description  Universal Serial Bus Hub
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH11 Datasheet(HTML) 2 Page - NXP Semiconductors

  PDIUSBH11 Datasheet HTML 1Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 2Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 3Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 4Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 5Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 6Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 7Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 8Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Philips Semiconductors
Product specification
PDIUSBH11
Universal Serial Bus Hub
2
1997 Aug 01
853–1968 18238
FEATURES
• Complies with the Universal Serial Bus specification Rev. 1.0
• Four downstream ports with per packet connectivity
• Embedded function with two endpoints (control and interrupt)
• Integrated FIFO memory for hub and embedded function
• Automatic protocol handling
• Versatile I2C interface
• Allows software control of monitor
• Compliant with USB Human Interface and Display Device Class
• Single 3.3V supply with 5V tolerant I/O
DESCRIPTION
The Philips Semiconductors PDIUSBH11 is a compound USB hub
IC (hub plus embedded function).
It is used in a microcontroller based system and communicates with
the system microcontroller over the I2C serial bus. This modular
approach to implementing a hub and embedded function allows the
designer to maintain the system microcontroller of choice and retain
existing architecture. This cuts down development time and offers
the most cost-effective solution.
Ideal applications for the IC include computer monitors and
keyboards.
The PDIUSBH11 conforms to the USB specification 1.0 and I2C
serial interface specification. It is also compliant with the USB
Human Input Device and Monitor Control Class specifications.
The embedded function of the PDIUSBH11 appears as PORT1 to
the host system and the four downstream ports are numbered 2
through 5.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
32-pin plastic SO
0
°C to +70°C
PDIUSBH11 D
PDIUSBH11 D
SOT287-1
32-pin plastic SDIP
0
°C to +70°C
PDIUSBH11 NB
PDIUSBH11 NB
SOT232-1
BLOCK DIAGRAM
ANALOG
TX/RX
PORT
CONTROL
ANALOG
TX/RX
PORT
CONTROL
ANALOG
TX/RX
PORT
CONTROL
ANALOG
TX/RX
PORT
CONTROL
GENERAL
PORT
CONTROLLER
HUB
REPEATER
END OF
FRAME
TIMERS
ANALOG
TX/RX
PHILIPS
SIE
INTEGRATED
RAM
BIT CLOCK
RECOVERY
MEMORY
MANAGEMENT
UNIT
I2C
SLAVE
INTERFACE
48 MHz
FULL SPEED
INTERRUPT
SDA
SCL
LED
ENABLE
D–
D+
LED
ENABLE
D–
D+
LED
ENABLE
D–
D+
LED
ENABLE
D–
D+
DOWNSTREAM
PORT 2
DOWNSTREAM
PORT 3
DOWNSTREAM
PORT 4
DOWNSTREAM
PORT 5
D+
D–
UPSTREAM
PORT
SV00226
NOTE:
1. This is a conceptual block diagram and does not include each individual signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com