Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBH11 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PDIUSBH11
Description  Universal Serial Bus Hub
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH11 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PDIUSBH11 Datasheet HTML 14Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 15Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 16Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 17Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 18Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 19Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 20Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 21Page - NXP Semiconductors PDIUSBH11 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Philips Semiconductors
Product specification
PDIUSBH11
Universal Serial Bus Hub
1997 Aug 01
18
DC CHARACTERISTICS (DIGITAL PINS)
PARAMETER
LIMITS
PARAMETER
MIN
TYP
MAX
Input Levels:
VIL
LOW level input voltage
0.9
V
VIH
HIGH level input voltage
2.5
V
VTLH
LOW to HIGH threshold voltage
ST (Schmitt Trigger) pins
80
%VCC
VTHL
HIGH to LOW threshold voltage
ST (Schmitt Trigger) pins
20
%VCC
VHYS
Hysteresis voltage
ST (Schmitt Trigger) pins
1.1
V
Output Levels:
VOL
LOW level output
IOL = rated drive
0.4
V
VOL
LOW level out ut
IOL = 20µA
0.1
V
VOH
HIGH level output
IOH = rated drive
VCC –0.4
V
VOH
HIGH level out ut
IOH = 20µA
VCC –0.1
V
Leakage Current:
IOZ
OFF-state current
OD (Open Drain) pins
"5
µA
II
Input leakage current
"1
µA
DC CHARACTERISTICS (AI/O PINS)
PARAMETER
LIMITS
PARAMETER
MIN
MAX
Leakage Current:
ILO
Hi–Z state data line leakage
0V < VIN < 3.3V
"10
µA
Input Levels:
VDI
Differential input sensitivity
|(D+) – (D–)|1
0.2
V
VCM
Differential common mode range
Includes VDI range
0.8
2.5
V
VSE
Single ended receiver threshold
0.8
2.0
V
Output Levels:
VOL
Static output LOW
RL of 1.5K
W to 3.6V
0.3
V
VOH
Static output HIGH
RL of 15K
W to GND
2.8
3.6
V
Capacitance:
CIN
Transceiver capacitance
Pin to GND
20
pF
Output Resistance:
ZDRV2
Driver output resistance
Steady state drive
28
43
W
NOTES:
1. D+ is the generic symbol for the USB positive data pins: UP_DP, DN2_DP, DN3_DP, DN4_DP, DN5_DP. D– is the generic symbol for the
USB negative data pins: UP_DM, DN2_DM, DN3_DM, DN4_DM, DN5_DM.
2. Includes external resistors of 24
W "1% each on D+ and D–.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com