Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBH11D Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PDIUSBH11D
Description  Universal Serial Bus Hub
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH11D Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PDIUSBH11D Datasheet HTML 8Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 9Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 10Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 11Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 12Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 13Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 14Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 15Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Philips Semiconductors
Product specification
PDIUSBH11
Universal Serial Bus Hub
1997 Aug 01
12
Clear Buffer
Command
: F2h
Data
: None
When a packet is received completely, an internal endpoint buffer full flag is set. All subsequent packets will be refused by returning a NACK.
When the microcontroller has read the data, it should free the buffer by the Clear Buffer command. When the buffer is cleared new packets will
be accepted.
Validate Buffer
Command
: FAh
Data
: None
When the microprocessor has written data into an IN buffer, it should set the buffer full flag by the Validate Buffer command. This indicates that
the data in the buffer are valid and can be sent to the host when the next IN token is received.
Set Endpoint Status
Command
: 40–44h
Data
: Write 1 byte
A stalled control endpoint is automatically unstalled when it receives a SETUP token, regardless of the content of the packet. If the endpoint
should stay in its stalled state, the microcontroller can re–stall it.
When a stalled endpoint is unstalled (either by the Set Endpoint Status command or by receiving a SETUP token), it is also re–initialized. This
flushes the buffer and if it is an OUT buffer it waits for a DATA 0 PID, if it is an IN buffer it writes a DATA 0 PID.
Even when unstalled, writing Set Endpoint Status to ‘0’ initializes the endpoint.
X
7
X
6
X
5
X
4
X
3
X
2
X
1
0
0
POWER ON VALUE
STALLED
RESERVED
STALLED
A ‘1’ INDICATES THE ENDPOINT IS STALLED
SV00509
Acknowledge Setup
Command
: F1h
Data
: None
The arrival of a SETUP packet flushes the IN buffer and disables the Validate Buffer and Clear Buffer commands for both IN and OUT
endpoints.
The microcontroller needs to re–enable these commands by the Acknowledge Setup command. This ensures that the last SETUP packet stays
in the buffer and no packet can be sent back to the host until the microcontroller has acknowledged explicitly that it has seen the SETUP packet.
The microcontroller must send the Acknowledge Setup command to both the IN and OUT endpoints.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com