Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBH11D Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PDIUSBH11D
Description  Universal Serial Bus Hub
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH11D Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PDIUSBH11D Datasheet HTML 15Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 16Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 17Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 18Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 19Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 20Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 21Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 22Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Philips Semiconductors
Product specification
PDIUSBH11
Universal Serial Bus Hub
1997 Aug 01
19
LOAD FOR D+/D–
D. U. T.
VCC
TEST POINT
S1
CL
CL = 50pF, FULL SPEED
CL = 50 pF, LOW SPEED (MIN TIMING)
CL = 350pF, LOW SPEED (MAX TIMING)
* 1.5K OHM ON D– (LOW SPEED) OR D+ (FULL SPEED) ONLY
TEST
S1
D–/LS
D+/LS
D–/FS
D+/FS
CLOSE
OPEN
OPEN
CLOSE
24 OHM
1.5K OHM*
SV00237
15K OHM
AC CHARACTERISTICS (AI/O PINS. FULL SPEED)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Driver Characteristics:
CL = 50pF;
Rpu = 1.5KΩ on D+ to VCC
TR
TF
Transition time:
Rise time
Fall tIme
Between 10% and 90%
4
4
20
20
ns
TRFM
Rise/Fall tIme matching
(TR/TF)
90
110
%
VCRS
Output signal crossover voltage
1.3
2.0
V
Driver Timings:
TEOPT
Source EOP width
Figure 1
160
175
ns
TDEOP
Differential data to EOP transition skew
Figure 1
–2
5
ns
Receiver Timings:
TJR1
TJR2
Receiver data jitter tolerance
To next transition
For paired transitions
Characterized and not Tested.
Guaranteed by Design.
–18.5
–9
18.5
9
ns
TEOPR1
TEOPR2
EOP width at receiver
Must reject as EOP
Must accept
Figure 1
40
82
ns
Hub Timings:
CL = 50pF;
Rpu = 1.5KΩ on D+ to VCC
THDD
Hub differential data delay
Figure 2
40
ns
TSOP
Data bit width distortion after SOP
Figure 2
–5
3
ns
TEOPDR
Hub EOP delay relative to THDD
Figure 3
0
15
ns
THESK
Hub EOP output width skew
Figure 3
–15
+15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com