Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBH11D Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PDIUSBH11D
Description  Universal Serial Bus Hub
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH11D Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PDIUSBH11D Datasheet HTML 12Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 13Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 14Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 15Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 16Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 17Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 18Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 19Page - NXP Semiconductors PDIUSBH11D Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Philips Semiconductors
Product specification
PDIUSBH11
Universal Serial Bus Hub
1997 Aug 01
16
Host Requests
SetFeature PORT_RESET
Reinitialize the embedded function and set the Reset Change bit to indicate that the reset has completed. Reset the Enable Status bit, enable
the embedded function and set its address to 0 by the Set embedded function Address / Enable command. Disable the embedded function
interrupt endpoint by the Set Endpoint Enable command.
SetFeature PORT_ENABLE
Enable the function by the Set embedded function Address / Enable command. Set the Enable Status bit.
SetFeature PORT_SUSPEND
Disable the function by the Set embedded function Address / Enable command. Reset the Enable Status bit and set the Suspend Status bit.
ClearFeature PORT_ENABLE
Disable the function by the Set embedded function Address / Enable command. Reset the Enable Status bit.
ClearFeature PORT_SUSPEND
Enable the function by the Set embedded function Address / Enable command. Set the Enable Status bit, reset the Suspend Status bit; set the
Resume Status Change bit to indicate that the resume has completed.
ClearFeature any Change Indicator
Clear the corresponding status change bit.
Babbling Condition
When the embedded function causes a babbling condition, the function is automatically disabled by the PDIUSBH11. As soon as the micro
controller detects the babbling error, it must set the Enable Status Change bit and reset the Enable Status bit.
Remote WakeUp
There are three scenarios a remote wakeup can occur. The following describes the course of actions for each of the cases:
1. The device is not suspended and the embedded port is suspended
– Enable back the function by setting the enable bit in the Set Address/Enable register and update the following status bits in the
micro–controller program: reset the Suspend Status bit, set the Enable Status bit and set the Suspend Status Change bit.
2. The device is suspended and the embedded port is suspended.
– Send an upstream Resume using the Send Resume command, enable back the function by setting the enable bit in the Set
Address/Enable register and update the following status bits in the micro–controller program: reset the Suspend Status bit, set the Enable
Status bit and set the Suspend Status Change bit.
3. The device is suspended and the embedded port is enabled
– Send an upstream resume using the Send Resume command
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
MIN.
MAX.
VCC
DC supply voltage
3.0
3.6
V
VI
DC Input voltage range
0
5.5
V
VI/O
DC input range for I/O
0
5.5
V
VAI/O
DC input range for analog I/O
0
VCC
V
VO
DC output voltage range
0
VCC
V
Tamb
Operating ambient temperature range in
free air
See DC and AC characteristics
per device
0
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com