Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFAM3620 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # RFAM3620
Description  CATV Edge QAM MCM 1218MHz 36dB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFAM3620 Datasheet(HTML) 3 Page - Qorvo, Inc

  RFAM3620 Datasheet HTML 1Page - Qorvo, Inc RFAM3620 Datasheet HTML 2Page - Qorvo, Inc RFAM3620 Datasheet HTML 3Page - Qorvo, Inc RFAM3620 Datasheet HTML 4Page - Qorvo, Inc RFAM3620 Datasheet HTML 5Page - Qorvo, Inc RFAM3620 Datasheet HTML 6Page - Qorvo, Inc RFAM3620 Datasheet HTML 7Page - Qorvo, Inc RFAM3620 Datasheet HTML 8Page - Qorvo, Inc RFAM3620 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RFAM3620
Data Sheet Rev. K, Oct 07, 2021 | Subject to change without notice
3 of 10
www.qorvo.com
®
Electrical Specifications
– part 2
Parameter
Conditions (V+=12V, TMB=30°C, ZS=ZL=75 ATT=0dB)
Min
Typ
Max
Units
Adjacent Channel Power Ratio
(ACPR); N=4 contiguous 256QAM
channels
Channel Power = 58 dBmV;
Adjacent channel up to 750 kHz from channel block
edge, f= 50 to 1000 MHz
-58
dBc
Channel Power = 58 dBmV;
Adjacent channel (750 kHz from channel block edge to
6 MHz from channel block edge), f= 50 to 1000 MHz
-60
dBc
Channel Power = 58 dBmV;
Next-adjacent channel (6 MHz from channel block edge
to 12 MHz from channel block edge), f= 50 to 1000 MHz
-63
dBc
Channel Power = 58 dBmV;
Third-adjacent channel (12 MHz from channel block edge
to 18 MHz from channel block edge), f= 50 to 1000 MHz
-65
dBc
2nd Order Harmonic (HD2);
N=1 256QAM channel
Channel Power = 66 dBmV;
In each of 2N contiguous 6 MHz channels coinciding with
2nd harmonic components (up to 1000MHz)
-63
dBc
3rd Order Harmonic (HD3);
N=1 256QAM channel
Channel Power = 66 dBmV;
In each of 3N contiguous 6 MHz channels coinciding with
3rd harmonic components (up to 1000MHz)
-63
dBc
CTB
Vo=48 dBmV, flat, 79 analog channels
plus 75 digital channels (-6dB offset) [4]
-73
dBc
XMOD
-70
dBc
CSO
-75
dBc
CIN
64
dB
1.
The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
2.
Logic high is defined as power enable voltage >2V
3.
Logic low is defined as power enable voltage <0.4V
4.
79 analog channels, NTSC frequency raster: 55.25MHz to 547.25MHz, +48dBmV flat output level, plus 75 digital channels, -6dB offset relative
to the equivalent analog carrier.
Composite Second Order (CSO) - The CSO parameter (both sum and difference products) is defined by ANSI/SCTE 6. Composite Triple Beat
(CTB) The CTB parameter is defined by ANSI/SCTE 6. Cross Modulation (XMOD) - Cross modulation (XMOD) is measured at baseband
(selective voltmeter method), referenced to 100% modulation of the carrier being tested. Carrier to Intermodulation Noise (CIN) - The CIN
parameter is defined by ANSI/SCTE 17 (Test procedure for carrier to noise).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com