Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFAM3620 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFAM3620
Description  CATV Edge QAM MCM 1218MHz 36dB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFAM3620 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFAM3620 Datasheet HTML 1Page - Qorvo, Inc RFAM3620 Datasheet HTML 2Page - Qorvo, Inc RFAM3620 Datasheet HTML 3Page - Qorvo, Inc RFAM3620 Datasheet HTML 4Page - Qorvo, Inc RFAM3620 Datasheet HTML 5Page - Qorvo, Inc RFAM3620 Datasheet HTML 6Page - Qorvo, Inc RFAM3620 Datasheet HTML 7Page - Qorvo, Inc RFAM3620 Datasheet HTML 8Page - Qorvo, Inc RFAM3620 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RFAM3620
Data Sheet Rev. K, Oct 07, 2021 | Subject to change without notice
4 of 10
www.qorvo.com
®
Evaluation Board Assembly Drawing
Note:
Vias are required under the backside paddle of this device for proper RF/DC grounding and thermal dissipation. A via drill diameter of 0.4mm and a
minimum via wall copper plating thickness of 25um is recommended. Open vias are preferred to allow flux and gases to escape during reflow soldering
and therefore to minimize voiding. Underneath this via array a heat sink with thermal grease needs to be placed which is able to dissipate the complete
module DC power (up to 6.1 Watts). In any case the module backside temperature should not exceed 100 °C.
Evaluation Board Schematic
C4
4. 7nF
D2
MM3Z5V6T1
R1
2. 7k
Ω
D3
PTVS13VS1UR
C3
4. 7nF
C5
4. 7nF
C7
DNI
FB1
Bead 60
Ω
T2
RFXF0008
V+
C6
4. 7nF
D4
TQP200002
25V
U1
RFAM3620
C2
4. 7nF
C1
DNI
D1
TQP200002
25V
Power
Enable
At t.
Adjust
GND
C9
4. 7nF
C8
4. 7nF
R2
3. 3k
Ω
C12
4. 7nF
Vt
C10
DNI
C11
DNI
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
17
16
19
18
21
20
1
2
3
4
5
C15
DNI
C16
DNI
C17
0. 3pF
C18
0. 3pF
C13
DNI
C14
DNI
Power
enable
V1 +
At t. Adjust
RF In+
RF In-
RF Out-
RF Out+
DC Out
V2 +
back
side
T1
RFXF0006
2
1
3
4
T3
RFXF0009
3
4
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com