Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFAM3620 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFAM3620
Description  CATV Edge QAM MCM 1218MHz 36dB
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFAM3620 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFAM3620 Datasheet HTML 1Page - Qorvo, Inc RFAM3620 Datasheet HTML 2Page - Qorvo, Inc RFAM3620 Datasheet HTML 3Page - Qorvo, Inc RFAM3620 Datasheet HTML 4Page - Qorvo, Inc RFAM3620 Datasheet HTML 5Page - Qorvo, Inc RFAM3620 Datasheet HTML 6Page - Qorvo, Inc RFAM3620 Datasheet HTML 7Page - Qorvo, Inc RFAM3620 Datasheet HTML 8Page - Qorvo, Inc RFAM3620 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RFAM3620
CATV Edge QAM MCM 1218MHz 36dB
Data Sheet Rev. K, Oct 07, 2021 | Subject to change without notice
1 of 10
www.qorvo.com
®
Product Description
The RFAM3620 is an Integrated Edge QAM Amplifier
Module. The part employs GaAs pHEMT die, GaAs
MESFET die, a 20 dB range variable attenuator and a
power enable feature, has high output capability, and is
operated from 45 MHz to 1218 MHz. It provides excellent
linearity and superior return loss performance with low
noise and optimal reliability.
21 pin, 11.0 mm x 11.0 mm x 1.375 mm package
Product Features
▪ Excellent Linearity
▪ Extremely High Output Capability
▪ Voltage Controlled Attenuator
▪ Power Enable Feature
▪ Extremely Low Distortion
▪ Optimal Reliability
▪ Low Noise
▪ Unconditionally Stable Under all Terminations
▪ 36 dB Min Gain at 1218 MHz
▪ 510 mA Typical at 12 VDC
▪ Temperature sensing feature
Applications
• Head End Equipment
• 45 – 1218 MHz Downstream Edge QAM RF Modulators
Functional Block Diagram
Power Enable
INPUT
OUTPUT
Preamp
Driver
V+
Att. adjust
Current
Setting
Temperature
Sensing
Ordering Information
Part No.
Description
RFAM3620SB
Sample bag 5 pcs
RFAM3620SR
7” Reel with 100 pcs
RFAM3620TR7
7” Reel with 250 pcs
RFAM3620PCBA-410
Fully assembled Evaluation Board


Similar Part No. - RFAM3620

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFAM3620 TRIQUINT-RFAM3620 Datasheet
542Kb / 10P
CATV Edge QAM MCM 1218MHz 36dB
RFAM3620PCBA-410 TRIQUINT-RFAM3620PCBA-410 Datasheet
542Kb / 10P
CATV Edge QAM MCM 1218MHz 36dB
RFAM3620SB TRIQUINT-RFAM3620SB Datasheet
542Kb / 10P
CATV Edge QAM MCM 1218MHz 36dB
RFAM3620SQ TRIQUINT-RFAM3620SQ Datasheet
542Kb / 10P
CATV Edge QAM MCM 1218MHz 36dB
RFAM3620SR TRIQUINT-RFAM3620SR Datasheet
542Kb / 10P
CATV Edge QAM MCM 1218MHz 36dB
More results

Similar Description - RFAM3620

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFAM3790 RFMD-RFAM3790 Datasheet
309Kb / 7P
45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
logo
TriQuint Semiconductor
RFAM3620 TRIQUINT-RFAM3620 Datasheet
542Kb / 10P
CATV Edge QAM MCM 1218MHz 36dB
logo
Qorvo, Inc
QPA3357 QORVO-QPA3357 Datasheet
256Kb / 4P
CATV Power Doubler Hybrid 1218MHz 28dB
QPA4425 QORVO-QPA4425 Datasheet
2Mb / 15P
75 25dB CATV Amplifier 47 ??1218MHz
QPA3359 QORVO-QPA3359 Datasheet
255Kb / 4P
CATV Push Pull Hybrid 1218MHz 28dB
QPA3358 QORVO-QPA3358 Datasheet
258Kb / 4P
CATV Push Pull Hybrid 1218MHz 34dB
QPA3250 QORVO-QPA3250 Datasheet
581Kb / 7P
CATV Power Doubler Hybrid 1218MHz 23dB
QPB8858 QORVO-QPB8858 Datasheet
1Mb / 13P
75 34dB CATV Amplifier 47 ??1218MHz
RFPP3870 QORVO-RFPP3870 Datasheet
195Kb / 4P
CATV Push Pull Hybrid 1218MHz 28dB
QPA3357 QORVO-QPA3357_V01 Datasheet
257Kb / 4P
CATV Power Doubler Hybrid 1218MHz 28dB
October 28, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com