Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBH12 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PDIUSBH12
Description  USB 2-port hub
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH12 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PDIUSBH12 Datasheet HTML 14Page - NXP Semiconductors PDIUSBH12 Datasheet HTML 15Page - NXP Semiconductors PDIUSBH12 Datasheet HTML 16Page - NXP Semiconductors PDIUSBH12 Datasheet HTML 17Page - NXP Semiconductors PDIUSBH12 Datasheet HTML 18Page - NXP Semiconductors PDIUSBH12 Datasheet HTML 19Page - NXP Semiconductors PDIUSBH12 Datasheet HTML 20Page - NXP Semiconductors PDIUSBH12 Datasheet HTML 21Page - NXP Semiconductors PDIUSBH12 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Philips Semiconductors
Product specification
PDIUSBH12
USB 2-port hub
1999 Jul 22
18
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage
3.0
3.6
V
VI
DC input voltage range
0
5.5
V
VI/O
DC input voltage range for I/O
0
5.5
V
VAI/O
DC input voltage range for analog I/O
0
VCC
V
VO
DC output voltage range
0
VCC
V
Tamb
Operating ambient temperature range in free air
See DC and AC characteristics per device
–40
85
°C
ABSOLUTE MAXIMUM RATINGS1
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage
–0.5
+4.6
V
IIK
DC input diode current
VI < 0
–50
mA
VI
DC input voltage
Note 2
–0.5
+5.5
V
VI/O
DC input voltage range for I/O’s
–0.5
VCC + 0.5
V
IOK
DC output diode current
VO > VCC or VO < 0
±50
mA
VO
DC output voltage
Note 2
–0.5
VCC + 0.5
V
IO
DC output sink or source current for other pins
VO = 0 to VCC
±15
mA
IO
DC output sink or source current for D+/D– pins
VO = 0 to VCC
±50
mA
IGND, ICC
DC VCC or GND current
±100
mA
VESD
Electrostatic discharge voltage
IIL < 1 µA 3
±4000 4
V
TSTG
Storage temperature range
–60
+150
°C
PTOT
Power dissipation per package
NOTES:
1. Stresses beyond those listed may cause damage to the device. These are stress ratings only and functional operation of the device at these
or any other conditions beyond those listed in the RECOMMENDED OPERATING CONDITIONS table is not implied. Exposure to absolute
maximum rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
3. Values are given for device only: in-circuit VESD(MAX) = ±8000 V.
4. For open-drain pins VESD(MAX) = ±2000 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com