Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBH12 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PDIUSBH12
Description  USB 2-port hub
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH12 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PDIUSBH12 Datasheet HTML 17Page - NXP Semiconductors PDIUSBH12 Datasheet HTML 18Page - NXP Semiconductors PDIUSBH12 Datasheet HTML 19Page - NXP Semiconductors PDIUSBH12 Datasheet HTML 20Page - NXP Semiconductors PDIUSBH12 Datasheet HTML 21Page - NXP Semiconductors PDIUSBH12 Datasheet HTML 22Page - NXP Semiconductors PDIUSBH12 Datasheet HTML 23Page - NXP Semiconductors PDIUSBH12 Datasheet HTML 24Page - NXP Semiconductors PDIUSBH12 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Philips Semiconductors
Product specification
PDIUSBH12
USB 2-port hub
1999 Jul 22
21
AC CHARACTERISTICS (AI/O pins, LOW speed)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Driver characteristics
CL = 50pF and 350pF;
Rpu = 1.5kΩ on D– to VCC
Transition Time
Between 10% and 90%
t
Rise time
CL = 50pF
75
ns
tlr
Rise time
CL = 350pF
300
ns
t f
Fall time
CL = 50pF
75
ns
tlf
Fall time
CL = 350pF
300
ns
tRFM
Rise/fall time matching
(tr/tf)
80
120
%
VLCRS
Output signal crossover voltage
1.3
2.0
V
Driver Timings
tLEOPT
Source EOP width
Figure 1
1.25
1.50
µs
tLDEOP
Differential data to EOP transition skew
Figure 1
–40
100
ns
Receiver Timings
EOP Width at Receiver
tLEOPR1
Must reject as EOP
Figure 1
330
ns
tLEOPR2
Must accept
Figure 1
675
ns
Hub Timings
Low Speed downstream port.
tLHDD
Hub Differential Data Delay
Figure 2
300
ns
tLSOP
Data bit width distortion after SOP
Figure 2
–65
45
ns
tLEOPDR
Hub EOP Delay Relative to THDD
Figure 3
0
200
ns
tLHESK
Hub EOP Output Width Skew
Figure 3
–300
+300
ns
SV00837
tPERIOD
DIFFERENTIAL
DATA LINES
CROSSOVER POINT
CROSSOVER POINT
EXTENDED
DIFFERENTIAL DATA TO
SEO/EOP SKEW
N * tPERIOD + tDEOP
SOURCE EOP WIDTH: tEOPT
RECEIVER EOP WIDTH: tEOPR1, tEOPR2
Figure 1. Differential data to EOP transition skew and EOP width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com