Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBH12D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PDIUSBH12D
Description  USB 2-port hub
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH12D Datasheet(HTML) 5 Page - NXP Semiconductors

  PDIUSBH12D Datasheet HTML 1Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 2Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 3Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 4Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 5Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 6Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 7Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 8Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Philips Semiconductors
Product specification
PDIUSBH12
USB 2-port hub
1999 Jul 22
5
ENDPOINT DESCRIPTIONS
There are two endpoint configuration modes supported by the PDIUSBH12, the Single Embedded Function mode and the Multiple (3)
Embedded Function mode. The Single Embedded Function mode is the default at power up reset. The Multiple (3) Embedded Function mode
can be configured by writing a zero to bit 7 of the first byte of the Set Mode command. Either mode is backward compatible to the PDIUSBH11.
Table 1.
SINGLE EMBEDDED FUNCTION MODE (DEFAULT AT POWER UP)
FUNCTION
PORTS
ENDPOINT #
ENDPOINT
INDEX
TRANSFER
TYPE
DIRECTION
MAX
PACKET SIZE
(BYTES)
0U
t
0
0
Control
OUT
8
Hub
0: Upstream
2–3: Downstream
0
1
Control
IN
8
2–3: Downstream
1
–
Interrupt
IN
1
0
2
Control
OUT
8
0
3
Control
IN
8
1
5
Generic
OUT
8
Embedded
1
1
4
Generic
IN
8
Function 1
1
2
6
Generic
OUT
8
2
7
Generic
IN
8
3
8
Generic
OUT
8
3
9
Generic
IN
8
NOTE:
1. Hub interrupt endpoint is not indexed.
2. Generic endpoint can be used for Interrupt or Bulk endpoint.
Table 2.
MULTIPLE (3) EMBEDDED FUNCTION MODE
FUNCTION
PORTS
ENDPOINT #
ENDPOINT
INDEX
TRANSFER
TYPE
DIRECTION
MAX
PACKET SIZE
(BYTES)
0U
t
0
0
Control
OUT
8
Hub
0: Upstream
2–3: Downstream
0
1
Control
IN
8
2–3: Downstream
1
–
Interrupt
IN
1
0
2
Control
OUT
8
Embedded
1
0
3
Control
IN
8
Function 1
1
1
5
Generic
OUT
8
1
4
Generic
IN
8
0
10
Control
OUT
8
Embedded
6
0
11
Control
IN
8
Function 6
6
1
6
Generic
OUT
8
1
7
Generic
IN
8
0
12
Control
OUT
8
Embedded
7
0
13
Control
IN
8
Function 7
7
1
8
Generic
OUT
8
1
9
Generic
IN
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com