Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBH12D Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PDIUSBH12D
Description  USB 2-port hub
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH12D Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PDIUSBH12D Datasheet HTML 7Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 8Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 9Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 10Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 11Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 12Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 13Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 14Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Philips Semiconductors
Product specification
PDIUSBH12
USB 2-port hub
1999 Jul 22
11
COMMAND DESCRIPTIONS
Command Procedure
There are four basic types of commands: Initialization, Data, Hub
Specific, and General commands. Respectively, these are used to
initialize the hub and embedded function; for data flow between the
hub, embedded function, and the host; some hub specific
commands for controlling individual downstream ports; and some
general commands.
Initialization Commands
Initialization commands are used during the enumeration process of
the USB network. These commands are used to enable the hub and
embedded function endpoints. They are also used to set the USB
assigned address.
Set Address / Enable
Command
: D0h (Hub), D1h, D2h, D3h,
(Embedded Functions)
Data
: Write 1 byte
This command is used to set the USB assigned address and enable
the hub or embedded functions respectively. The hub powers up
enabled and needs not be enabled by the firmware at power up
initialization.
76
5
4
3
2
0
1
0
0
POWER ON VALUE
ADDRESS
ENABLE
SV00825
00
00
00
Address
The value written becomes the address.
Enable
A ‘1’ enables this function.
Set Endpoint Enable
Command
: D8h
Data
: Write 1 byte
The hub’s interrupt endpoint and the embedded functions generic
endpoints can only be enabled when the corresponding hub/function
is enabled via the Set Address/Enable command.
SV00841
76
5
4
3
2
0
1
0
0
POWER ON VALUE
EMBEDDED FUNCTION 1 GENERIC ENDPOINTS
00
XX
XX
RESERVED
EMBEDDED FUNCTION 7 GENERIC ENDPOINTS
HUB’S INTERRUPT ENDPOINT
EMBEDDED FUNCTION 6 GENERIC ENDPOINTS
Hub’s Interrupt Endpoint
A value of ‘1’ indicates
the hub’s interrupt
endpoint is enabled.
Embedded Function 1 Generic Endpoint
A value of ‘1’ indicates
the embedded function
1 generic endpoints are
enabled.
Embedded Function 6 Generic Endpoint
A value of ‘1’ indicates
the embedded function
6 generic endpoints are
enabled.
Embedded Function 7 Generic Endpoint
A value of ‘1’ indicates
the embedded function
7 generic endpoints are
enabled.
Set Mode
Command
: F3h
Data
: Write 2 bytes
The Set Mode command is followed by two data writes. The first
byte contains the configuration byte values. The second byte is the
clock division factor byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com