Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDIUSBH12D Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PDIUSBH12D
Description  USB 2-port hub
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDIUSBH12D Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PDIUSBH12D Datasheet HTML 15Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 16Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 17Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 18Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 19Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 20Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 21Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 22Page - NXP Semiconductors PDIUSBH12D Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Philips Semiconductors
Product specification
PDIUSBH12
USB 2-port hub
1999 Jul 22
19
DC CHARACTERISTICS (Digital pins)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Levels
VIL
LOW level input voltage
0.6
V
VIH
HIGH level input voltage
2.7
V
VTLH
LOW to HIGH threshold voltage
ST (Schmitt Trigger) pins
1.4
1.9
V
VTHL
HIGH to LOW threshold voltage
ST pins
0.9
1.5
V
VHYS
Hysteresis voltage
ST pins
0.4
0.7
V
Output Levels
VOL
LOW level output voltage
IOL = rated drive
0.4
V
VOL
LOW level out ut voltage
IOL = 20 µA
0.1
V
VOH
HIGH level output voltage
IOH = rated drive
2.4
V
VOH
HIGH level out ut voltage
IOH = 20 µA
VCC – 0.1
V
Leakage Current
IOZ
OFF state current
OD (Open Drain) pins
±1
µA
IL
Input leakage current
±1
µA
IS
Suspend current
Oscillator stopped and
inputs to GND/VCC
15
µA
IO
Operating current
02 ports operating
13
mA
DC CHARACTERISTICS (AI/O pins)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Leakage Current
ILO
Hi-Z state data line leakage
0V < VIN < 3.3V
±10
µA
Input Levels
VDI
Differential input sensitivity
|(D+) – (D–)|1
0.2
V
VCM
Differential common mode range
Includes VDI range
0.8
2.5
V
VSE
Single-ended receiver threshold
0.8
2.0
V
Output Levels
VOL
Static output LOW
RL of 1.5kΩ to 3.6V
0.3
V
VOH
Static output HIGH
RL of 15kΩ to GND
2.8
3.6
V
Capacitance
CIN
Transceiver capacitance
Pin to GND
20
pF
Output Resistance
ZDRV2
Driver output resistance
Steady state drive
28
43
Ω
Integrated Resistance
ZPU
Pull-up resistance
SoftConnect
™ = ON
1.1
1.9
k
Ω
ZPD
Pull-down resistance
Pull-down = ON
11
19
k
Ω
NOTES:
1. D+ is the symbol for the USB positive data pin: UP_DP, DN2_DP, DN3_DP.
D– is the symbol for the USB negative data pin: UP_DM, DN2_DM, DN3_DM.
2. Includes external resistors of 22
W ± 1% each on D+ and D–.
LOAD FOR D+/D–
D. U. T.
TEST POINT
CL = 50pF
1.5k
Ω IS INTERNAL
15k
Ω
22
Ω
SV00849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com