Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2000 Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # MS2000
Description  PURE SINE WAVE DESIGNED FOR DEMANDING APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MS2000 Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  MS2000 Datasheet HTML 1Page - Sensata Technologies, Inc. MS2000 Datasheet HTML 2Page - Sensata Technologies, Inc. MS2000 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CONTACT US
651-653-7000
800-553-6418
InverterInfo@sensata.com
Power Conversion
www.magnum-dimensions.com
Page 3
Rev: 07/20/19 Part#64-0200 vK
Copyright © 2019 Sensata Technologies, Inc.
Sensata Technologies, Inc. (“Sensata”) data sheets are solely intended to assist designers (“Buyers”) who are developing systems that
incorporate Sensata products (also referred to herein as “components”). Buyer understands and agrees that Buyer remains responsible
for using its independent analysis, evaluation and judgment in designing Buyer’s systems and products. Sensata data sheets have
been created using standard laboratory conditions and engineering practices. Sensata has not conducted any testing other than that
specifically described in the published documentation for a particular data sheet. Sensata may make corrections, enhancements,
improvements and other changes to its data sheets or components without notice.
Buyers are authorized to use Sensata data sheets with the Sensata component(s) identified in each particular data sheet. HOWEVER, NO
OTHER LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OR OTHERWISE TO ANY OTHER SENSATA INTELLECTUAL PROPERTY RIGHT, AND
NO LICENSE TO ANY THIRD PARTY TECHNOLOGY OR INTELLECTUAL PROPERTY RIGHT, IS GRANTED HEREIN. SENSATA DATA SHEETS
ARE PROVIDED “AS IS”. SENSATA MAKES NO WARRANTIES OR REPRESENTATIONS WITH REGARD TO THE DATA SHEETS OR USE
OF THE DATA SHEETS, EXPRESS, IMPLIED OR STATUTORY, INCLUDING ACCURACY OR COMPLETENESS. SENSATA DISCLAIMS
ANY WARRANTY OF TITLE AND ANY IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, QUIET
ENJOYMENT, QUIET POSSESSION, AND NON-INFRINGEMENT OF ANY THIRD PARTY INTELLECTUAL PROPERTY RIGHTS WITH REGARD
TO SENSATA DATA SHEETS OR USE THEREOF.
All products are sold subject to Sensata’s terms and conditions of sale supplied at www.sensata.com SENSATA ASSUMES NO LIABILITY
FOR APPLICATIONS ASSISTANCE OR THE DESIGN OF BUYERS’ PRODUCTS. BUYER ACKNOWLEDGES AND AGREES THAT IT IS SOLELY
RESPONSIBLE FOR COMPLIANCE WITH ALL LEGAL, REGULATORY AND SAFETY-RELATED REQUIREMENTS CONCERNING ITS PRODUCTS,
AND ANY USE OF SENSATA COMPONENTS IN ITS APPLICATIONS, NOTWITHSTANDING ANY APPLICATIONS-RELATED INFORMATION
OR SUPPORT THAT MAY BE PROVIDED BY SENSATA.
Mailing Address: Sensata Technologies, Inc., 529 Pleasant Street, Attleboro, MA 02703, USA.
www.sensata.com
GENERAL FEATURES AND CAPABILITIES
Transfer relay capability
30 ACC max. each input (30AC total on MS2000 models, 60ACC total on all other models)*
Five stage charging capability
Bulk, Absorb, Float, Equalize (requires remote), and Battery Saver™
Battery temperature compensation
Standard with available temp sensor connected (battery temp 0-50° C)
Internal cooling
0 to 120 cfm variable speed drive using dual 92mm brushless DC fans
Overcurrent protection
Yes, with two overlapping circuits
Overtemperature protection
Yes on transformer, MOSFETS, and battery
Corrosion protection
Yes, PCB’s conformal coated, powder coated chassis/top, and stainless steel fasteners
Branch-rated output circuit breakers
Optional on the MS2000 (15 or 20 amp breakers), MS2012 (15 or 20 amp breakers) or
MS4048 (20amp breakers)
Warranty
Three years parts and labor
PHYSICAL SPECIFICATIONS
Dimensions (l x w x h)
13.75” x 12.65” x 8.0” (34.9 cm x 32.1 cm x 20.3 cm) [Height on MS2000: 7.0”/17.8 cm]
Mounting
Shelf or wall (vents not allowed to face downward unless ME-CB or MMP/MP is installed
Unit weight
42 lb (19.1 kg)
55 lb (24.9 kg)
41 lb (18.6 kg)
55 lb (24.9 kg)
55 lb (24.9 kg)
Shipping weight
48 lb (21.8 kg)
62 lb (28.1 kg)
49 lb (22.2 kg)
62 lb (28.1 kg)
62 lb (28.1 kg)
Max operating altitude
15,000’ (4570 m)
15,000’ (4570 m)
15,000’ (4570 m)
15,000’ (4570 m)
15,000’ (4570 m)
Temperature (Operating/Non-operating)
-20° C to +60° C (-4° F to 140° F) to -40° C to +70° C (-40° F to 158° F)
Operating humidity
0 to 95% RH non-condensing
AGENCY APPROVALS & CERTIFICATIONS
• ETL Listed to UL/cUL 458, UL 1741, CSA C22.2 #107.1-01, meets KKK-A-1822E standard**
• The MS2000, MS2012, MS2812, MS4024 and MS4048 are ETL Listed to the stringent requirements of UL/cUL 458 for mobile use.
• The MS2012, MS2812, MS4024 and MS4048 are ETL Listed UL 1741 and CSA C22.2 #107.1-01 for renewable energy installations.
• All models also meet KKK-A-1822E standards for emergency vehicle use.**
*The pass-thru capability on each leg of the -15B and -20B models is limited by the output breaker size on each output.
**MS2000: ETL Listed to UL/cUL 458, CSA C22.2 #107.1-01, meets KKK-A-1822E standard
Testing for specifications at 25° C.
Specifications subject to change without notice.
GENERAL NOTES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com