Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2000 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # MS2000
Description  PURE SINE WAVE DESIGNED FOR DEMANDING APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MS2000 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  MS2000 Datasheet HTML 1Page - Sensata Technologies, Inc. MS2000 Datasheet HTML 2Page - Sensata Technologies, Inc. MS2000 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
Copyright © 2019 Sensata Technologies, Inc.
www.sensata.com
MS SERIES | INVERTER/CHARGER
PURE SINE WAVE DESIGNED FOR DEMANDING APPLICATIONS
Features
• Pure Sine Wave – Power your TVs, computers, and other sensitive
electronics without worry. The MS Series provides clean, reliable
inverter power with low total harmonic distortion (THD) of less
than 5%.
• Accessible Design – The extra large AC access cover with terminal
screw block and 360° DC connection terminals with covers make this
inverter accessible.
• Choices – The MS Series comes in 12, 24, and 48 volt configurations,
allowing you to choose the model that is right for you.
• Versatile Mounting – Mount the MS Inverter/Charger on a shelf,
bulkhead, or even upside down.
• Lightweight – The lightweight aluminum base and cover also provides
noise reduction and corrosion resistance.
• Multiple Ports – The MS Series provides multiple ports, including an
RS485 communication port for network expansion, and a remote port.
• Convenient Switches – The MS Series comes with an on/off
inverter-mounted switch with an easy-to-read LED indicator.
• Expanded Transfer Relay – 60 Amp transfer service is available on
all models except MS2000, which is 30 Amp only.
Introduction
The MS Series Inverter/Charger is a pure sine wave inverter designed specifically for the most demanding mobile, backup, and off-grid applications.
The MS Series Inverter/Charger is powerful, easy-to-use, and best of all, cost effective.
Power Factor Corrected (PFC) Charger: Our PFC charger is built into all of our inverter/chargers. It uses less energy from a generator than a standard
charger – 25-30% less AC current than standard chargers.
Easy-to-install: Install the MS Series in four easy steps: simply connect the inverter’s output to your distribution circuits or electrical panel, connect
your utility power cable to the inverter’s easy-to-reach terminal block, connect the batteries, and switch on the power.
Model Numbers
• MS2000
• MS2000-15B
• MS2000-20B
• MS2012
• MS2012-15B
• MS2012-20B
• MS2024
• MS2812
• MS4024 (series stackable)
• MS4048
• MS4048-20B
Available For
• Backup Systems
• Marine Systems
• Off-Grid Systems
• RV Systems
• Trucks
Available Accessories
• AGS
• Battery Monitor Kit
• Conduit Box
• DC Load Disconnect
• Remote Switch Adapter
• Fuse Blocks
• MagWeb
• Remote - ME-ARC
• Remote - ME-RC
• Smart Battery Combiner
New features available using the ME-ARC
(with v5.4 or higher firmware).


Similar Part No. - MS2000

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
MS2000 LORLIN-MS2000 Datasheet
329Kb / 2P
MS2000 MAINS ROTARY SWITCH MODULE
More results

Similar Description - MS2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PN200501500VA001 ETC2-PN200501500VA001 Datasheet
78Kb / 5P
500VA Pure Sine Wave Inverter
logo
COTEK ELECTRONIC IND. C...
SD1500 COTEK-SD1500 Datasheet
303Kb / 3P
1500W Pure Sine Wave
20/05/25
SD2500 COTEK-SD2500 Datasheet
537Kb / 3P
2500W Pure Sine Wave
21/03/05
SD3500 COTEK-SD3500 Datasheet
665Kb / 3P
3500W Pure Sine Wave
21/10/06
SE200 COTEK-SE200 Datasheet
75Kb / 2P
200W Pure Sine Wave Inverter
20/10/21
SE400 COTEK-SE400 Datasheet
362Kb / 2P
400W Pure Sine Wave Inverter
2021 01
SP-1500 COTEK-SP-1500 Datasheet
129Kb / 2P
1500W Pure Sine Wave Inverter
20/10/21
SP-3000 COTEK-SP-3000 Datasheet
179Kb / 2P
3000W Pure Sine Wave Inverter
20/10/21
SP-4000 COTEK-SP-4000 Datasheet
175Kb / 2P
4000W Pure Sine Wave Inverter
20/10/21
SR1000T COTEK-SR1000T Datasheet
37Kb / 1P
1000W Pure Sine Wave Inverter
20/10/20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com