Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2000 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # MS2000
Description  PURE SINE WAVE DESIGNED FOR DEMANDING APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MS2000 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  MS2000 Datasheet HTML 1Page - Sensata Technologies, Inc. MS2000 Datasheet HTML 2Page - Sensata Technologies, Inc. MS2000 Datasheet HTML 3Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
Copyright © 2019 Sensata Technologies, Inc.
www.sensata.com
SPECIFICATIONS
MS2000/12
MS2012
(-15/-20B)
MS2812
MS2024
MS4024
MS4048
MS4048-20B
INVERTER SPECIFICATIONS
Input battery voltage range
9 - 16.8 VDC
9 - 16.8 VDC
18 - 33.6 VDC
18 - 33.6 VDC
36 - 67.6 VDC
AC output voltage accuracy
120 VAC ± 5%
120 VAC ± 5%
120 VAC ± 5%
120 VAC ± 5%
120 VAC ± 5%
Output frequency and accuracy
60 Hz ± 0.1 Hz
60 Hz ± 0.1 Hz
60 Hz ± 0.1 Hz
60 Hz ± 0.1 Hz
60 Hz ± 0.1 Hz
Total Harmonic Distortion (THD)
< 5%
< 5%
< 5%
< 5%
< 5%
1 msec surge current (amps AC)
50
70
75
120
120
100 msec surge current (amps AC)
33
40
37
82
72
5 sec surge power (real watts)
3300
3900
2850
5800
8500
30 sec surge power (real watts)
3100
3800
2750
5400
5750
5 min surge power (real watts)
2800
3200
2700
4900
5250
30 min surge power (real watts)
2200
3000
2200
4500
4750
Maximum continuous input current
267 ADC
373 ADC
133 ADC
267 ADC
133 ADC
Inverter efficiency (peak)
90.6%
90%
86%
93.7%
94%
AC Relay Transfer time (minimum)
16 msecs
16 msecs
16 msecs
16 msecs
16 msecs
Power Consumption - searching
<8 watts
<8 watts
<8 watts
<8 watts
<8 watts
Power Consumption - inverting (no load)
25 watts
30 watts
25 watts
25 watts
25 watts
Output Waveform
Pure Sine Wave
Pure Sine Wave
Pure Sine Wave
Pure Sine Wave
Pure Sine Wave
CHARGER SPECIFICATIONS
Continuous output at 25° C
100 ADC
125 ADC
60 ADC
105 ADC
60 ADC
Charger efficiency
85%
85%
85%
85%
85%
Power factor
> .95
> .95
> .95
> .95
> .95
Input current for continuous rated output
15 AAC
18 AAC
7.9 AAC
29 AAC
30 AAC
Pure Sine Wave
12, 24,
48
2000-
4000 W
Battery Voltage Options
Continuous Output Options



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com