Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS6445 Datasheet(PDF) 55 Page - STMicroelectronics

Part # ADS6445
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6445 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ADS6445 Datasheet HTML 51Page - STMicroelectronics ADS6445 Datasheet HTML 52Page - STMicroelectronics ADS6445 Datasheet HTML 53Page - STMicroelectronics ADS6445 Datasheet HTML 54Page - STMicroelectronics ADS6445 Datasheet HTML 55Page - STMicroelectronics ADS6445 Datasheet HTML 56Page - STMicroelectronics ADS6445 Datasheet HTML 57Page - STMicroelectronics ADS6445 Datasheet HTML 58Page - STMicroelectronics ADS6445 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 75 page
background image
www.ti.com
POWER DOWN MODES
Global Power Down
Channel Standby
Input Clock Stop
POWER SUPPLY SEQUENCING
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
Table 22. Minimum Clock Amplitude across gains
MINIMUM CLOCK AMPLITUDE SUPPORTED
CLOCK BUFFER GAIN
mVPP differential
Gain 0 (minimum gain)
800
Gain 1 (default gain)
400
Gain 2
300
Gain 3
200
Gain 4 (highest gain)
150
The ADS644X has three power down modes – global power down, channel standby and input clock stop.
This is a global power down mode in which almost the entire chip is powered down, including the four ADCs,
internal references, PLL and LVDS buffers. As a result, the total power dissipation falls to about 77 mW typical
(with input clock running). This mode can be initiated by setting the register bit <PDN GLOBAL> (refer to
Table 13). The output data and clock buffers are in high impedance state.
The wake-up time from this mode to data becoming valid in normal mode is 100
µs.
In this mode, only the ADC of each channel is powered down and this helps to get very fast wake-up times.
Each of the four ADCs can be powered down independently using the register bits <PDN CH> (refer to
Table 13). The output LVDS buffers remain powered up.
The wake-up time from this mode to data becoming valid in normal mode is 200 clock cycles.
The converter enters this mode:
• If the input clock frequency falls below 1 MSPS or
• If the input clock amplitude is less than 400 mV
PP, differential with default clock buffer gain setting) at any
sampling frequency.
All ADCs and LVDS buffers are powered down and the power dissipation is about 235 mW. The wake-up time
from this mode to data becoming valid in normal mode is 100
µs.
Table 23. Power Down Modes Summary
AVDD POWER
LVDD POWER
POWER DOWN MODE
WAKE UP TIME
(mW)
(mW)
In power-up
1360
297
–
Global power down
65
12
100
µs
1 Channel in standby
1115 (1)
297 (1)
200 Clocks
2 Channels in standby
825 (1)
297 (1)
200 Clocks
3 Channels in standby
532 (1)
297 (1)
200 Clocks
4 Channels in standby
245 (1)
297 (1)
200 Clocks
Input clock stop
200
35
100
µs
(1)
Sampling frequency = 125 MSPS.
During power-up, the AVDD and LVDD supplies can come up in any sequence. The two supplies are separated
inside the device. Externally, they can be driven from separate supplies or from a single supply.
55
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com