Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS6445 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ADS6445
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6445 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ADS6445 Datasheet HTML 2Page - STMicroelectronics ADS6445 Datasheet HTML 3Page - STMicroelectronics ADS6445 Datasheet HTML 4Page - STMicroelectronics ADS6445 Datasheet HTML 5Page - STMicroelectronics ADS6445 Datasheet HTML 6Page - STMicroelectronics ADS6445 Datasheet HTML 7Page - STMicroelectronics ADS6445 Datasheet HTML 8Page - STMicroelectronics ADS6445 Datasheet HTML 9Page - STMicroelectronics ADS6445 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
LVDD = 3.3V, maximum rated sampling frequency, 50% clock duty cycle, –1dBFS differential analog input, internal reference
mode (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
POWER SUPPLY (Continued)
ADS6445
1.65
1.8
ADS6444
1.35
1.5
Total power
W
ADS6443
1.18
1.3
ADS6442
1.05
1.2
Power down (with input clock stopped)
77
150
mW
DYNAMIC AC CHARACTERISTICS
ADS6445
73.7
ADS6444
73.8
Fin = 10 MHz
ADS6443
74.4
ADS6442
74.5
ADS6445
68.5
73.1
ADS6444
73.2
Fin = 50 MHz
ADS6443
70
73.8
ADS6442
70.5
74
ADS6445
72.7
ADS6444
69
73
Fin = 70 MHz
ADS6443
73.4
ADS6442
73.6
ADS6445
72.1
ADS6444
72.2
Fin = 100 MHz
ADS6443
72.7
SNR
Signal to noise ratio
ADS6442
72.8
dBFS
ADS6445
69.9
ADS6444
70.2
0 dB gain
ADS6443
70.5
ADS6442
70.7
Fin = 170 MHz
ADS6445
69.4
ADS6444
69.7
3.5 dB Coarse gain
ADS6443
69.7
ADS6442
70.2
ADS6445
68.7
ADS6444
68.8
0 dB gain
ADS6443
68.1
ADS6442
Fin = 230 MHz
69.2
ADS6445
68.1
ADS6444 and ADS6443
3.5 dB Coarse gain
68.2
ADS6442
68.9
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com